Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HCT244 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M54HCT244
Description  Rad-hard high speed 2 to 6 V CMOS logic series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT244 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M54HCT244 Datasheet HTML 21Page - STMicroelectronics M54HCT244 Datasheet HTML 22Page - STMicroelectronics M54HCT244 Datasheet HTML 23Page - STMicroelectronics M54HCT244 Datasheet HTML 24Page - STMicroelectronics M54HCT244 Datasheet HTML 25Page - STMicroelectronics M54HCT244 Datasheet HTML 26Page - STMicroelectronics M54HCT244 Datasheet HTML 27Page - STMicroelectronics M54HCT244 Datasheet HTML 28Page - STMicroelectronics M54HCT244 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
M54HC4002K 9201/130/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-14
Gold or solder dip
920113001F or 02F
0.70
-
Strip pack
M54HC4002D 9201/130/03F or 04F ESCC flight Specify ESCC variant number in PO
DIL-14
Gold or solder dip
920113003F or 04F
2.20
-
Strip pack
M54HC4020K 9204/070/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-16
Gold or solder dip
920407001F or 02F
0.70
-
Strip pack
M54HC4020D 9204/070/10F or 11F ESCC flight Specify ESCC variant number in PO
DIL-16
Gold or solder dip
920407010F or 11F
2.20
-
Strip pack
M54HC4040K 9204/069/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-16
Gold or solder dip
920406901F or 02F
0.70
Y
Strip pack
M54HC4040D 9204/069/10F or 11F ESCC flight Specify ESCC variant number in PO
DIL-16
Gold or solder dip
920406910F or 11F
2.20
-
Strip pack
M54HC4049K 9401/037/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-16
Gold or solder dip
940103701F or 02F
0.70
Y
Strip pack
M54HC4049D 9401/037/10F or 11F ESCC flight Specify ESCC variant number in PO
DIL-16
Gold or solder dip
940103710F or 11F
2.20
-
Strip pack
M54HC4050K 9401/038/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-16
Gold or solder dip
940103801F or 02F
0.70
Y
Strip pack
M54HC4050D 9401/038/10F or 11F ESCC flight Specify ESCC variant number in PO
DIL-16
Gold or solder dip
940103810F or 11F
2.20
-
Strip pack
M54HC4051K 9408/064/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-16
Gold or solder dip
940806401F or 02F
0.70
-
Strip pack
M54HC4051D 9408/064/10F or 11F ESCC flight Specify ESCC variant number in PO
DIL-16
Gold or solder dip
940806410F or 11F
2.20
-
Strip pack
M54HC4053K 9408/065/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-16
Gold or solder dip
940806501F or 02F
0.70
-
Strip pack
M54HC4053D 9408/065/10F or 11F ESCC flight Specify ESCC variant number in PO
DIL-16
Gold or solder dip
940806510F or 11F
2.20
-
Strip pack
M54HC4060K 9204/076/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-16
Gold or solder dip
920407601F or 02F
0.70
-
Strip pack
M54HC4060D 9204/076/10F or 11F ESCC flight Specify ESCC variant number in PO
DIL-16
Gold or solder dip
920407610F or 11F
2.20
-
Strip pack
M54HC4066K 9408/052/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-14
Gold or solder dip
940805201F or 02F
0.70
-
Strip pack
M54HC4066D 9408/052/03F or 04F ESCC flight Specify ESCC variant number in PO
DIL-14
Gold or solder dip
940805203F or 04F
2.20
-
Strip pack
M54HC4072K 9201/124/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-14
Gold or solder dip
920112401F or 02F
0.70
-
Strip pack
M54HC4072D 9201/124/03F or 04F ESCC flight Specify ESCC variant number in PO
DIL-14
Gold or solder dip
920112403F or 04F
2.20
-
Strip pack
M54HC4075K 9201/129/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-14
Gold or solder dip
920112901F or 02F
0.70
-
Strip pack
M54HC4075D 9201/129/03F or 04F ESCC flight Specify ESCC variant number in PO
DIL-14
Gold or solder dip
920112903F or 04F
2.20
-
Strip pack
M54HC4078K 9201/123/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-14
Gold or solder dip
920112301F or 02F
0.70
-
Strip pack
M54HC4078D 9201/123/03F or 04F ESCC flight Specify ESCC variant number in PO
DIL-14
Gold or solder dip
920112303F or 04F
2.20
-
Strip pack
M54HC4094K 9306/050/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-16
Gold or solder dip
930605001F or 02F
0.70
-
Strip pack
Table 13.
Ordering information (continued)
Order codes
ESCC detailed
specification
Quality
Level
Comment
Package
Lead finish
Marking
Mass
(g)
EPPL
Packing


Similar Part No. - M54HCT244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT244 STMICROELECTRONICS-M54HCT244 Datasheet
262Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT240: INVERTED - HCT241/244 NON INVERTED
M54HCT244 STMICROELECTRONICS-M54HCT244 Datasheet
227Kb / 10P
   RAD HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HCT244D STMICROELECTRONICS-M54HCT244D Datasheet
227Kb / 10P
   RAD HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HCT244D1 STMICROELECTRONICS-M54HCT244D1 Datasheet
227Kb / 10P
   RAD HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HCT244F1R STMICROELECTRONICS-M54HCT244F1R Datasheet
262Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT240: INVERTED - HCT241/244 NON INVERTED
More results

Similar Description - M54HCT244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
   Advanced Rad-Hardened high speed CMOS 5V logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com