Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7SH08 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # XC7SH08
Description  High-speed Si-gate CMOS device, 2-input AND function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SH08 Datasheet(HTML) 2 Page - NXP Semiconductors

  XC7SH08 Datasheet HTML 1Page - NXP Semiconductors XC7SH08 Datasheet HTML 2Page - NXP Semiconductors XC7SH08 Datasheet HTML 3Page - NXP Semiconductors XC7SH08 Datasheet HTML 4Page - NXP Semiconductors XC7SH08 Datasheet HTML 5Page - NXP Semiconductors XC7SH08 Datasheet HTML 6Page - NXP Semiconductors XC7SH08 Datasheet HTML 7Page - NXP Semiconductors XC7SH08 Datasheet HTML 8Page - NXP Semiconductors XC7SH08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XC7SH08_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 1 September 2009
2 of 11
NXP Semiconductors
XC7SH08
2-input AND gate
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Table 2.
Marking codes
Type number
Marking[1]
XC7SH08GW
fE
XC7SH08GV
f08
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna113
B
A
Y
2
1
4
mna114
2
4
&
1
mna221
A
B
Y
Fig 4.
Pin configuration SOT353-1 (TSSOP5) and SOT753 (SC-74A)
XC7SH08
BVCC
A
GND
Y
001aak111
1
2
3
5
4
Table 3.
Pin description
Symbol
Pin
Description
B
1
data input
A
2
data input
GND
3
ground (0 V)
Y
4
data output
VCC
5
supply voltage


Similar Part No. - XC7SH08

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7SH08 NEXPERIA-XC7SH08 Datasheet
202Kb / 11P
   2-input AND gate
Rev. 2 - 11 January 2022
XC7SH08GV NEXPERIA-XC7SH08GV Datasheet
202Kb / 11P
   2-input AND gate
Rev. 2 - 11 January 2022
XC7SH08GW NEXPERIA-XC7SH08GW Datasheet
202Kb / 11P
   2-input AND gate
Rev. 2 - 11 January 2022
More results

Similar Description - XC7SH08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SET32 PHILIPS-XC7SET32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-3 September 2009
XC7SH32 PHILIPS-XC7SH32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-2 September 2009
XC7SH02 PHILIPS-XC7SH02 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-7 September 2009
XC7SET02 PHILIPS-XC7SET02 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-31 August 2009
XC7SET08 PHILIPS-XC7SET08 Datasheet
74Kb / 11P
   High-speed Si-gate COMS device, 2-input AND function
Rev. 01-1 September 2009
XC7SH86 PHILIPS-XC7SH86 Datasheet
75Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
XC7SET86 PHILIPS-XC7SET86 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
74AHC3GU04 PHILIPS-74AHC3GU04 Datasheet
97Kb / 17P
   high-speed Si-gate CMOS device
Rev. 01-5 March 2004
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
XC7SH04 PHILIPS-XC7SH04 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, inverting buffer
Rev. 01-1 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com