Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7SET125GF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # XC7SET125GF
Description  High-spped Si-gate CMOS devices, one non-inverting buffer/line driver with 3-state output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET125GF Datasheet(HTML) 4 Page - NXP Semiconductors

  XC7SET125GF Datasheet HTML 1Page - NXP Semiconductors XC7SET125GF Datasheet HTML 2Page - NXP Semiconductors XC7SET125GF Datasheet HTML 3Page - NXP Semiconductors XC7SET125GF Datasheet HTML 4Page - NXP Semiconductors XC7SET125GF Datasheet HTML 5Page - NXP Semiconductors XC7SET125GF Datasheet HTML 6Page - NXP Semiconductors XC7SET125GF Datasheet HTML 7Page - NXP Semiconductors XC7SET125GF Datasheet HTML 8Page - NXP Semiconductors XC7SET125GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
XC7SET125_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 4 September 2009
4 of 14
NXP Semiconductors
XC7SET125
Bus buffer/line driver; 3-state
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
-
-
20
ns/V
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −50 µA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −8.0 mA
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 µA
-
0
0.1
-
0.1
-
0.1
V
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V
IOZ
OFF-state
output current
VI =VCC or GND;
VCC = 5.5 V
-
-
0.25
-
2.5
-
10
µA
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.0
-
10
-
40
µA
∆ICC
additional
supply current
per input pin; VI = 3.4 V;
other inputs at VCC or GND;
IO = 0 A; VCC = 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
1.5
10
-
10
-
10
pF


Similar Part No. - XC7SET125GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7SET125GM NEXPERIA-XC7SET125GM Datasheet
225Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 4 - 19 January 2022
XC7SET125GV NEXPERIA-XC7SET125GV Datasheet
225Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 4 - 19 January 2022
XC7SET125GW NEXPERIA-XC7SET125GW Datasheet
225Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 4 - 19 January 2022
More results

Similar Description - XC7SET125GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH125 PHILIPS-XC7SH125 Datasheet
99Kb / 14P
   High-speed Si-gate CMOS device, one non-inverting buffer/line driver with 3-state output
Rev. 01-4 September 2009
XC7WH126 PHILIPS-XC7WH126 Datasheet
91Kb / 13P
   High-speed Si-gate CMOS device, dual non-inverting buffer/line driver with 3-state output
Rev. 01-2 September 2009
XC7SET04 PHILIPS-XC7SET04 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS devices, Inverting buffer
Rev. 01-1 September 2009
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
KODENSHI_AUK CORP.
KK74HC240A KODENSHI-KK74HC240A Datasheet
230Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74ACT240 KODENSHI-KK74ACT240 Datasheet
280Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74HCT240A KODENSHI-KK74HCT240A Datasheet
232Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74AC240 KODENSHI-KK74AC240 Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT240 SLS-SL74HCT240 Datasheet
47Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC240A IKSEMICON-IN74HC240A Datasheet
218Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com