Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7SET14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # XC7SET14
Description  High-speed Si-gate CMOS device, an inverting buffer function with Schmitt trigger action
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET14 Datasheet(HTML) 2 Page - NXP Semiconductors

  XC7SET14 Datasheet HTML 1Page - NXP Semiconductors XC7SET14 Datasheet HTML 2Page - NXP Semiconductors XC7SET14 Datasheet HTML 3Page - NXP Semiconductors XC7SET14 Datasheet HTML 4Page - NXP Semiconductors XC7SET14 Datasheet HTML 5Page - NXP Semiconductors XC7SET14 Datasheet HTML 6Page - NXP Semiconductors XC7SET14 Datasheet HTML 7Page - NXP Semiconductors XC7SET14 Datasheet HTML 8Page - NXP Semiconductors XC7SET14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
XC7SET14_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 31 August 2009
2 of 14
NXP Semiconductors
XC7SET14
Inverting Schmitt trigger
5.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6.
Functional diagram
7.
Pinning information
7.1 Pinning
7.2 Pin description
Table 2.
Marking codes
Type number
Marking code[1]
XC7SET14GW
gF
XC7SET14GV
g14
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna023
AY
2
4
24
mna024
mna025
A
Y
Fig 4.
Pin configuration SOT353-1 and SOT753
XC7SET14
n.c.
VCC
A
GND
Y
001aak132
1
2
3
5
4
Table 3.
Pin description
Symbol
Pin
Description
n.c.
1
not connected
A
2
data input
GND
3
ground (0 V)
Y
4
data output
VCC
5
supply voltage


Similar Part No. - XC7SET14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
XC7SET14GV NEXPERIA-XC7SET14GV Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
XC7SET14GW NEXPERIA-XC7SET14GW Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results

Similar Description - XC7SET14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH14 PHILIPS-XC7SH14 Datasheet
95Kb / 14P
   High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action
Rev. 01-1 September 2009
XC7WH14 PHILIPS-XC7WH14 Datasheet
139Kb / 18P
   High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 4-3 November 2011
XC7WT14 PHILIPS-XC7WT14 Datasheet
132Kb / 18P
   High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 2-3 November 2011
XC7SH04 PHILIPS-XC7SH04 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, inverting buffer
Rev. 01-1 September 2009
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
XC7SET04 PHILIPS-XC7SET04 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS devices, Inverting buffer
Rev. 01-1 September 2009
logo
Nexperia B.V. All right...
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com