Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7SET02 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # XC7SET02
Description  High-speed Si-gate CMOS device, 2-input NOR function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET02 Datasheet(HTML) 4 Page - NXP Semiconductors

  XC7SET02 Datasheet HTML 1Page - NXP Semiconductors XC7SET02 Datasheet HTML 2Page - NXP Semiconductors XC7SET02 Datasheet HTML 3Page - NXP Semiconductors XC7SET02 Datasheet HTML 4Page - NXP Semiconductors XC7SET02 Datasheet HTML 5Page - NXP Semiconductors XC7SET02 Datasheet HTML 6Page - NXP Semiconductors XC7SET02 Datasheet HTML 7Page - NXP Semiconductors XC7SET02 Datasheet HTML 8Page - NXP Semiconductors XC7SET02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
XC7SET02_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 31 August 2009
4 of 11
NXP Semiconductors
XC7SET02
2-input NOR gate
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
-
-
20
ns/V
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −50 µA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −8.0 mA
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 µA
-
0
0.1
-
0.1
-
0.1
V
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.0
-
10
-
40
µA
∆ICC
additional
supply current
per input pin; VI = 3.4 V;
other inputs at VCC or GND;
IO = 0 A; VCC = 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
1.5
10
-
10
-
10
pF


Similar Part No. - XC7SET02

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7SET02 NEXPERIA-XC7SET02 Datasheet
198Kb / 10P
   2-input NOR gate
Rev. 2 - 28 January 2022
XC7SET02GV NEXPERIA-XC7SET02GV Datasheet
198Kb / 10P
   2-input NOR gate
Rev. 2 - 28 January 2022
XC7SET02GW NEXPERIA-XC7SET02GW Datasheet
198Kb / 10P
   2-input NOR gate
Rev. 2 - 28 January 2022
More results

Similar Description - XC7SET02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH02 PHILIPS-XC7SH02 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-7 September 2009
XC7SET32 PHILIPS-XC7SET32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-3 September 2009
XC7SH32 PHILIPS-XC7SH32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-2 September 2009
XC7SH08 PHILIPS-XC7SH08 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input AND function
Rev. 01-1 September 2009
XC7SH86 PHILIPS-XC7SH86 Datasheet
75Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
XC7SET86 PHILIPS-XC7SET86 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
XC7SET08 PHILIPS-XC7SET08 Datasheet
74Kb / 11P
   High-speed Si-gate COMS device, 2-input AND function
Rev. 01-1 September 2009
74AHC3GU04 PHILIPS-74AHC3GU04 Datasheet
97Kb / 17P
   high-speed Si-gate CMOS device
Rev. 01-5 March 2004
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
logo
KODENSHI_AUK CORP.
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com