Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCC4000B Datasheet(PDF) 21 Page - STMicroelectronics

Part # HCC4000B
Description  Rad-hard high voltage CMOS logic series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4000B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HCC4000B_11 Datasheet HTML 16Page - STMicroelectronics HCC4000B_11 Datasheet HTML 17Page - STMicroelectronics HCC4000B_11 Datasheet HTML 18Page - STMicroelectronics HCC4000B_11 Datasheet HTML 19Page - STMicroelectronics HCC4000B_11 Datasheet HTML 20Page - STMicroelectronics HCC4000B_11 Datasheet HTML 21Page - STMicroelectronics HCC4000B_11 Datasheet HTML 22Page - STMicroelectronics HCC4000B_11 Datasheet HTML 23Page - STMicroelectronics HCC4000B_11 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
HCC40161BK
9204/054/01 or 02
ESCC flight
Specify ESCC variant number in PO
Flat-16
Gold or solder dip
920405401 or 02
0.70
Y
Strip pack
HCC40161BD 9204/054/08 or 09
DIL-16
920405408 or 09
2.20
-
HCC40174BK
9203/038/01 or 02
Flat-16
920303801 or 02
0.70
Y
HCC40174BD 9203/038/08 or 09
DIL-16
920303808 or 09
2.20
-
HCC40193BK
9204/041/01 or 02
Flat-16
920404101 or 02
0.70
-
HCC40193BD 9204/041/08 or 09
DIL-16
920404108 or 09
2.20
-
HCC4502BK
9401/006/01 or 02
Flat-16
940100601 or 02
0.70
Y
HCC4502BD
9401/006/08 or 09
DIL-16
940100608 or 09
2.20
-
HCC4503BK
9401/030/01 or 02
Flat-16
940103001 or 02
0.70
Y
HCC4503BD
9401/030/08 or 09
DIL-16
940103008 or 09
2.20
-
HCC4508BK
9202/063/01 or 02
Flat-24
920206301 or 02
1.70
Y
HCC4508BD
9202/063/03 or 04
DIL-24
920206303 or 04
5.20
-
HCC4512BK
9408/006/01 or 02
Flat-16
940800601 or 02
0.70
Y
HCC4512BD
9408/006/08 or 09
DIL-16
940800608 or 09
2.20
-
HCC4514BK
9408/012/01 or 02
Flat-24
940801201 or 02
1.70
-
HCC4514BD
9408/012/03 or 04
DIL-24
940801203 or 04
5.20
-
HCC4515BK
9205/011/01 or 02
Flat-24
920501101 or 02
1.70
-
HCC4515BD
9205/011/03 or 04
DIL-24
920501103 or 04
5.20
-
HCC4516BK
9204/045/01 or 02
Flat-16
920404501 or 02
0.70
-
HCC4516BD
9204/045/08 or 09
DIL-16
920404508 or 09
2.20
-
HCC4520BK
9204/028/01 or 02
Flat-16
920402801 or 02
0.70
-
HCC4520BD
9204/028/08 or 09
DIL-16
920402808 or 09
2.20
-
HCC4532BK
9202/065/01 or 02
Flat-16
920206501 or 02
0.70
-
HCC4532BD
9202/065/08 or 09
DIL-16
920206508 or 09
2.20
-
HCC4538BK
9207/007/01 or 02
Flat-16
920700701 or 02
0.70
-
Table 10.
Ordering information (continued)
Order code
ESCC detailed
specification
Quality level
Comment
Package
Lead finish
Marking
Mass
(g)
EPPL
Packing


Similar Part No. - HCC4000B_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4000BF STMICROELECTRONICS-HCC4000BF Datasheet
289Kb / 13P
   NOR GATE
September 1988
HCC4000B STMICROELECTRONICS-HCC4000B_05 Datasheet
141Kb / 13P
   RadHardened high voltage complementary MOS logic series
More results

Similar Description - HCC4000B_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com