Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44272 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44272
Description  SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44272 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44272 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44272 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMP Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, 18 GHz Version
Configuration
Connector
SMP Female
Connector Specification
MIL-STD-348
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.25 [6.35]
Width/Dia., in [mm]
0.14 [3.56]
.
Weight, lbs [g]
0.001 [0.45]
Connector
Type
SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMP Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, 18 GHz Version from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products main-
tain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, 18 GHz
Version PE44272
URL: http://www.pasternack.com/smp-female-standard-pe-sr405al-pe-sr405fl-rg405-connector-pe44272-p.aspx
PE44272
PE44272 REV
SMP Female Connector Solder Attachment For PE-
SR405AL, PE-SR405FL, RG405, 18 GHz Version


Similar Part No. - PE44272

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
   SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
471Kb / 5P
   SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44270 PASTERNACK-PE44270 Datasheet
211Kb / 2P
   75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
PE44271 PASTERNACK-PE44271 Datasheet
217Kb / 3P
   75 Ohm 1.6/5.6 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44273 PASTERNACK-PE44273 Datasheet
216Kb / 2P
   SMP Female Connector Solder Attachment For PE- 047SR, PE-SR047AL, PE-SR047FL, 18 GHz Version
More results

Similar Description - PE44272

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44275 PASTERNACK-PE44275 Datasheet
232Kb / 3P
   SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
   SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
   SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44494 PASTERNACK-PE44494 Datasheet
383Kb / 3P
   Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44387 PASTERNACK-PE44387 Datasheet
225Kb / 3P
   SSMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
   SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4653 PASTERNACK-PE4653 Datasheet
321Kb / 3P
   N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4130 PASTERNACK-PE4130 Datasheet
105Kb / 1P
   N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4984 PASTERNACK-PE4984 Datasheet
262Kb / 3P
   3.5mm Female Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
   SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com