Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ16240SSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ16240SSC
Description  16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16240SSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ16240SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16240SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16240SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16240SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16240SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16240SSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16240SSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 1991
Revised November 1998
© 1999 Fairchild Semiconductor Corporation
DS010924.prf
www.fairchildsemi.com
74ACTQ16240
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
General Description
The ACTQ16240 contains sixteen inverting buffers with 3-
STATE outputs designed to be employed as a memory and
address driver, clock driver, or bus-oriented transmitter/
receiver. The device is nibble controlled. Each nibble has
separate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
The ACTQ16240 utilizes Fairchild’s Quiet Series
™ technol-
ogy to guarantee quiet output switching and improve
dynamic threshold performance. FACT Quiet Series
™ fea-
tures GTO
™ output control for superior performance.
Features
s Utilizes Fairchild’s FACT Quiet Series technology
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin output skew
s Separate control logic for each byte
s 16-bit version of the ACTQ240
s Outputs source/sink 24 mA
s Additional specs for multiple output switching
s Output loading specs for both 50 pF and 250 pF loads
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
Pin Assignment
for SSOP and TSSOP
FACT
™, FACT Quiet Series™, Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ16240SSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74ACTQ16240MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Inputs (Active Low)
I0–I15
Inputs
O0–O15
Outputs


Similar Part No. - 74ACTQ16240SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16244MTD FAIRCHILD-74ACTQ16244MTD Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16244SSC FAIRCHILD-74ACTQ16244SSC Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
More results

Similar Description - 74ACTQ16240SSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVT16240 FAIRCHILD-74LVT16240 Datasheet
105Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com