Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ACTQ14 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74ACTQ14
Description  Quiet Series Hex Inverter with Schmitt Trigger Input
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ14 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ14 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS010911
www.fairchildsemi.com
March 1991
Revised February 2005
74ACTQ14
Quiet Series
¥ Hex Inverter with Schmitt Trigger Input
General Description
The ACTQ14 contains six inverter gates each with a
Schmitt trigger input. They are capable of transforming
slowly changing input signals into sharply defined, jitter-
free output signals. In addition, they have a greater noise
margin than conventional inverters.
The ACTQ14 utilizes Fairchild Quiet Series
¥ Technology
to guarantee quiet output switching and improve dynamic
threshold performance. FACT Quiet Series
¥ features
GTO
¥ output control and undershoot corrector in addition
to a split ground bus for superior performance.
The ACTQ14 has hysteresis between the positive-going
and negative-going input thresholds (typically 1.0V) which
is determined internally by transistor ratios and is essen-
tially insensitive to temperature and supply voltage varia-
tions.
Features
s ICC reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Improved latch-up immunity
s Guaranteed pin-to-pin skew AC performance
s Outputs source/sink 24 mA
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Pin Descriptions
Connection Diagram
Function Table
Quiet Series
¥, FACT Quiet Series¥ and GTO¥ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ14SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACTQ14MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACTQ14PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
In
Inputs
On
Outputs
Input
Output
AO
LH
HL


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54ACTQ14Quiet Series Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreNational Semiconductor (TI)
DM7414Hex Inverter with Schmitt Trigger Input 1 2 3 Fairchild Semiconductor
74AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
74LVX14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
74LVQ14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 Fairchild Semiconductor
54AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreNational Semiconductor (TI)
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
NC7WV14TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
MM74C914Hex Schmitt Trigger with Extended Input Voltage 1 2 3 4 5 Fairchild Semiconductor
DM74ALS14Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn