Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ACTQ14 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ACTQ14
Description  Quiet Series Hex Inverter with Schmitt Trigger Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ14 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ14 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ14 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: DIP package.
Note 5: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
Note 6: Max number of data inputs (n) switching. (n
1) inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD),
0V to threshold (VIHD), f 1 MHz.
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
r 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
VCC
T A 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
1.9
2.2
V
(Note 4)(Note 6)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
1.2
0.8
V
(Note 4)(Note 6)
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.0
8.0
10.0
3.0
11.0
ns
Data to Output
tPHL
Propagation Delay
5.0
3.0
8.0
10.0
3.0
11.0
ns
Data to Output
tOSHL
Output to Output
5.0
0.5
1.0
1.0
ns
tOSLH
Skew (Note 8)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
80
pF
VCC 5.0V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
54ACTQ14 Quiet Series Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  More National Semiconductor (TI)
DM7414 Hex Inverter with Schmitt Trigger Input 1  2  3  Fairchild Semiconductor
74AC14 Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  More Fairchild Semiconductor
74LVX14 Low Voltage Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  More Fairchild Semiconductor
74LVQ14 Low Voltage Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  Fairchild Semiconductor
54AC14 Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  More National Semiconductor (TI)
DM5414 Hex Inverter with Schmitt Trigger Inputs 1  2  3  4  National Semiconductor (TI)
NC7WV14 TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input 1  2  3  4  5  More Fairchild Semiconductor
MM74C914 Hex Schmitt Trigger with Extended Input Voltage 1  2  3  4  5  Fairchild Semiconductor
DM74ALS14 Hex Inverter with Schmitt Trigger Inputs 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn