Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54AC164245 Datasheet(PDF) 17 Page - STMicroelectronics

Part No. 54AC164245
Description  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC164245 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button 54AC164245 Datasheet HTML 13Page - STMicroelectronics 54AC164245 Datasheet HTML 14Page - STMicroelectronics 54AC164245 Datasheet HTML 15Page - STMicroelectronics 54AC164245 Datasheet HTML 16Page - STMicroelectronics 54AC164245 Datasheet HTML 17Page - STMicroelectronics 54AC164245 Datasheet HTML 18Page - STMicroelectronics 54AC164245 Datasheet HTML 19Page - STMicroelectronics 54AC164245 Datasheet HTML 20Page - STMicroelectronics 54AC164245 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
54AC164245
Test circuit
Doc ID 18093 Rev 2
17/22
Figure 7.
Waveform 4: enable and disable times (port A = 3.3 V, port B = 5 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn