Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54AC164245 Datasheet(PDF) 15 Page - STMicroelectronics

Part No. 54AC164245
Description  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

54AC164245 Datasheet(HTML) 15 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
54AC164245
Test circuit
Doc ID 18093 Rev 2
15/22
5
Test circuit
Figure 3.
Test circuit
Note:
CL = 50 pF or equivalent (includes jig and probe capacitance), RT = ZOUT of pulse generator
(typically 50
Ω ), VREF = 0.5 VDD. ISRC is set to -1.0 mA and ISNK is set to 1.0 mA for tPHL and
tPLH measurements. Input signal from pulse generator: VI = 0.0 V to VDD; f = 10 MHz;
tr = 1.0 V/ns "0.3 V/ns; tf = 1.0 V/ns "0.3 V/ns; tr and tf are measured from 0.1 VDD to 0.9
VDD and from 0.9 VDD to 0.1 VDD respectively.
Figure 4.
Waveform 1: propagation delay


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn