Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54AC164245 Datasheet(PDF) 14 Page - STMicroelectronics

Part No. 54AC164245
Description  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

54AC164245 Datasheet(HTML) 14 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Radiations
54AC164245
14/22
Doc ID 18093 Rev 2
4
Radiations
Total dose (Mil1019 dose rate): all parameters are post-irradiation guaranteed by wafer-lot
acceptance (after dose, all guaranteed electrical parameters are tested on a sample of units
of each wafer lot). All parameters provided in Table 6 and Table 7 apply to both pre- and
post-irradiation. The 54AC164245 is a pure CMOS product. The irradiation is performed at
high dose rates.
Heavy ions: the behavior of the product when submitted to heavy ions is guaranteed by
qualification and is not tested in production. Heavy-ion trials are performed on qualification
lots only.
Table 8.
Radiations
Type
Features
Value
Unit
TID
Total Ionizing dose
High dose rate (50 - 300 rad/sec) up to:
100
k rad
Heavy ions
SEL immune (at 125°C) up to:
110
MeV.cm²/mg
SEU immune up to:
64


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn