Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54AC164245 Datasheet(PDF) 13 Page - STMicroelectronics

Part No. 54AC164245
Description  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

54AC164245 Datasheet(HTML) 13 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
54AC164245
Electrical characteristics
Doc ID 18093 Rev 2
13/22
tPZL
(1)
Propagation delay time, output
enable, DIRn to bus (active
low), CL = 50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
1.0
18
ns
Propagation delay time, output
enable, DIRn to bus (active
low), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
1.0
18
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
1.0
12
tPZH
(1)
Propagation delay time, output
enable, DIRn to bus (active
high), CL = 50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
1.0
18
ns
Propagation delay time, output
enable, DIRn to bus (active
high), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
1.0
18
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
1.0
12
tPLZ (1)
Propagation delay time, output
disable, DIRn to bus (low
impedance), CL =50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
1.0
20
ns
Propagation delay time, output
disable, DIRn to bus (low
impedance), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
1.0
20
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
1.0
15
tPHZ
(1)
Propagation delay time,
output disable, DIRn to bus
(high impedance), CL = 50 pF
Port A = 3.3 V
Port B = 5.0 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
1.0
20
ns
Propagation delay time, output
disable, DIRn to bus (high
impedance), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
1.0
20
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
1.0
15
1.
Guaranteed by design but not tested.
Table 7.
AC electrical characteristics (1) (continued)
Symbol
Parameter
Port voltage
Test condition (VDD)
Limits
Unit
Min.
Max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn