Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44224 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE44224
Description  2.4mm Male Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44224 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE44224 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44224 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44224 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - PE44224

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4422 PASTERNACK-PE4422 Datasheet
219Kb / 2P
   SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4422 PASTERNACK-PE4422 Datasheet
322Kb / 3P
   SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44220 PASTERNACK-PE44220 Datasheet
292Kb / 3P
   2.4mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing
PE44221 PASTERNACK-PE44221 Datasheet
277Kb / 2P
   2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44222 PASTERNACK-PE44222 Datasheet
286Kb / 2P
   2.4mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
More results

Similar Description - PE44224

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44226 PASTERNACK-PE44226 Datasheet
204Kb / 2P
   2.4mm Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE44221 PASTERNACK-PE44221 Datasheet
277Kb / 2P
   2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44218 PASTERNACK-PE44218 Datasheet
215Kb / 3P
   2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186 Datasheet
228Kb / 3P
   SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE44223 PASTERNACK-PE44223 Datasheet
211Kb / 3P
   2.4mm Male Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4124 PASTERNACK-PE4124 Datasheet
228Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126 Datasheet
228Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Stub Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186_17 Datasheet
799Kb / 3P
   SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole Spacing
PE45204 PASTERNACK-PE45204 Datasheet
329Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126_16 Datasheet
323Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com