Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ08SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ08SC
Description  Quiet Series??Quad 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ08SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ08SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010891
www.fairchildsemi.com
August 1990
Revised November 1999
74ACTQ08
Quiet Series
 Quad 2-Input AND Gate
General Description
The ACTQ08 contains four, 2-input AND gates and utilizes
Fairchild Quiet Series
 technology to guarantee quiet out-
put switching and improved dynamic threshold perfor-
mance. FACT Quiet Series
 features GTO output control
and undershoot corrector in addition to a split ground bus
for superior ACMOS performance.
Features
s ICC reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Improved latch-up immunity
s Outputs source/sink 24 mA
s TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
, Quiet Series, FACT Quiet Series and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ08SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow Body
74ACTQ08SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ08PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs


Similar Part No. - 74ACTQ08SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ08SC FAIRCHILD-74ACTQ08SC Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
More results

Similar Description - 74ACTQ08SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com