Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7407D Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 5Page - STMicroelectronics TDA7407D Datasheet HTML 6Page - STMicroelectronics TDA7407D Datasheet HTML 7Page - STMicroelectronics TDA7407D Datasheet HTML 8Page - STMicroelectronics TDA7407D Datasheet HTML 9Page - STMicroelectronics TDA7407D Datasheet HTML 10Page - STMicroelectronics TDA7407D Datasheet HTML 11Page - STMicroelectronics TDA7407D Datasheet HTML 12Page - STMicroelectronics TDA7407D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
9/34
TDA7407D
carrier (f = 57kHz, fm = 23Hz AM, m = 60%)
3. SCA ( Subsidiary Communications Authorization ) measured with: 81% mono signal; 9% pilot signal;
fm = 1kHz; 10%SCA - subcarrier ( fs = 67kHz, unmodulated ).
; Fs =(2 x 38kHz) - 67kHz
4. ACI ( Adjacent Channel Interference ):
; Fs = 110kHz - (3 x 38kHz)
; Fs = 186kHz - (5 x 38kHz)
measured with: 90% mono signal; 9% pilot signal; fm =1kHz; 1% spurious signal( fs = 110kHz or 186kHz,
unmodulated).
5
NOISE BLANKER PART
internal 2nd order 140kHz high pass filter
programmable trigger threshold
trigger threshold dependent on high frequency noise with programmable gain
additional circuits for deviation and fieldstrength dependent trigger adjustment
very low offset current during hold time due to opamps wMOS inputs
four selectable pulse suppression times
programmable noise rectifier charge/discharge current
Table 8. ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold 0) 1)
meas. with VPEAK = 0.9V
NBT = 111
(c)
30
(c)
mVOP
NBT = 110
(c)
35
(c)
mVOP
NBT = 101
(c)
40
(c)
mVOP
NBT = 100
(c)
45
(c)
mVOP
NBT = 011
(c)
50
(c)
mVOP
NBT = 010
(c)
55
(c)
mVOP
NBT = 001
(c)
60
(c)
mVOP
NBT = 000
(c)
65
(c)
mVOP
VTRNOISE Noise Controlled Trigger
Threshold 2)
meas. with VPEAK = 1.5V
NCT = 00
(c)
260
(c)
mVOP
NCT = 01
(c)
220
(c)
mVOP
NCT = 10
(c)
180
(c)
mVOP
NCT = 11
(c)
140
(c)
mVOP
VRECT
Rectifier Voltage
VMPX = 0mV
NRD 6) = 00
0.5
0.9
1.3
V
VMPX = 50mV; f = 150KHz
1.5
1.7
2.1
V
VMPX = 200mV; f = 150KHz
2.2
2.5
2.9
V
α57 V.W > F.
()
V
O signal
() at1kHz
()
V
O spurious
() at1kHz 23kHz
±
()
--------------------------------------------------------------------------
=
α67
V
O signal
() at1kHz
()
V
O spurious
() at9kHz
()
------------------------------------------------------
=
α114
V
O signal
() at1kHz
()
V
O spurious
() at4kHz
()
------------------------------------------------------
=
α114
V
O signal
() at1kHz
()
V
O spurious
() at4kHz
()
------------------------------------------------------
=
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA7407D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7407 STMICROELECTRONICS-TDA7407 Datasheet
470Kb / 30P
   ADVANCED CAR SIGNAL PROCESSOR
June 2001
TDA7407 STMICROELECTRONICS-TDA7407 Datasheet
647Kb / 46P
   Advanced car signal processor
TDA7407TR STMICROELECTRONICS-TDA7407TR Datasheet
647Kb / 46P
   Advanced car signal processor
TDA7407 STMICROELECTRONICS-TDA7407_07 Datasheet
647Kb / 46P
   Advanced car signal processor
More results

Similar Description - TDA7407D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7400 STMICROELECTRONICS-TDA7400 Datasheet
209Kb / 28P
   ADVANCED CAR SIGNAL PROCESSOR
July 1999
TDA7407 STMICROELECTRONICS-TDA7407_07 Datasheet
647Kb / 46P
   Advanced car signal processor
TDA7400D STMICROELECTRONICS-TDA7400D Datasheet
275Kb / 28P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7411 STMICROELECTRONICS-TDA7411 Datasheet
581Kb / 43P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7407 STMICROELECTRONICS-TDA7407 Datasheet
470Kb / 30P
   ADVANCED CAR SIGNAL PROCESSOR
June 2001
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com