Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8230 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 8230
Description  Conformal Coated RF Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

8230 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  8230 Datasheet HTML 1Page - Bourns Electronic Solutions 8230 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Formerly
model
Current rating up to 1.1 A
Inductance range: 1.0
μH to 1,000 μH
RoHS compliant*
Applications
DC/DC converters
Power supplies
General use
8230 Series Conformal Coated RF Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications (@ 25 °C)
General Specifications
Temperature Rise ................ 35 °C at Idc
Operating Temperature
................................ -55 °C to +105 °C
Storage Temperature
................................ -55 °C to +105 °C
Dielectric Strength ................... 500 Vrms
Materials
Core................................See value table
Wire ............................ Enameled copper
Terminal Coating................................. Sn
Coating .................................Epoxy resin
Packaging
Standard..................1000 pcs. per bag
Optional......5000 pcs. per 14-inch reel
How to Order
8230 - 22 - __ - RC
Model
Value Code
(See table)
Packaging Code
Blank = 1000 pcs./bag
TR = 5000 pcs./14-inch reel
Compliance Code
RC = RoHS compliant*
Examples:
• 8230-22-RC = 1.20 mH packaged
1000 pcs./bag.
• 8230-50-TR-RC = 18 mH packaged
5000 pcs./14-inch reel.
Electrical Schematic
Bourns Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
Idc
(mA)
Core
Material
(
μH)
Tol. (%)
8230-94-RC
0.10
±10
40
25
690
0.07
1100
Phenolic
8230-96-RC
0.12
±10
40
25
650
0.08
1100
Phenolic
8230-00-RC
0.15
±10
38
25
600
0.10
1100
Phenolic
8230-02-RC
0.18
±10
35
25
550
0.12
1010
Phenolic
8230-04-RC
0.22
±10
33
25
510
0.14
935
Phenolic
8230-06-RC
0.27
±10
33
25
430
0.16
875
Phenolic
8230-08-RC
0.33
±10
30
25
410
0.20
780
Phenolic
8230-10-RC
0.39
±10
30
25
380
0.30
640
Phenolic
8230-12-RC
0.47
±10
30
25
340
0.35
590
Phenolic
8230-14-RC
0.56
±10
30
25
300
0.50
495
Phenolic
8230-16-RC
0.68
±10
28
25
275
0.60
450
Phenolic
8230-18-RC
0.82
±10
28
25
250
0.85
380
Phenolic
8230-20-RC
1.0
±10
25
25
230
1.00
350
Phenolic
8230-22-RC
1.2
±10
25
7.9
150
0.18
825
Ferrite
8230-24-RC
1.5
±10
28
7.9
140
0.22
745
Ferrite
8230-26-RC
1.8
±10
30
7.9
125
0.30
640
Ferrite
8230-28-RC
2.2
±10
30
7.9
115
0.40
550
Ferrite
8230-30-RC
2.7
±10
37
7.9
100
0.50
495
Ferrite
8230-32-RC
3.3
±10
45
7.9
90
0.85
380
Ferrite
8230-34-RC
3.9
±10
45
7.9
82
1.0
350
Ferrite
8230-36-RC
4.7
±10
45
7.9
75
1.2
320
Ferrite
8230-38-RC
5.6
±10
50
7.9
68
1.8
260
Ferrite
8230-40-RC
6.8
±10
50
7.9
60
2.0
245
Ferrite
8230-42-RC
8.2
±10
55
7.9
55
2.7
210
Ferrite
8230-44-RC
10
±10
55
7.9
50
3.7
180
Ferrite
8230-46-RC
12
±10
45
2.5
40
2.7
210
Ferrite
8230-48-RC
15
±10
45
2.5
35
2.8
205
Ferrite
8230-50-RC
18
±10
50
2.5
32
3.1
195
Ferrite
8230-52-RC
22
±10
50
2.5
25
3.3
190
Ferrite
8230-54-RC
27
±10
50
2.5
22
3.5
185
Ferrite
8230-56-RC
33
±10
45
2.5
24
3.4
187
Ferrite
8230-58-RC
39
±10
45
2.5
22
3.6
180
Ferrite
8230-60-RC
47
±10
45
2.5
20
4.5
165
Ferrite
8230-62-RC
56
±10
45
2.5
18
5.7
145
Ferrite
8230-64-RC
68
±10
50
2.5
15
6.7
135
Ferrite
8230-66-RC
82
±10
50
2.5
14
7.3
130
Ferrite
8230-68-RC
100
±10
50
2.5
13
8.0
125
Ferrite
8230-70-RC
120
±10
30
0.79
12
13
97
Ferrite
8230-72-RC
150
±10
30
0.79
11
15
85
Ferrite
8230-74-RC
180
±10
30
0.79
10
17
79
Ferrite
8230-76-RC
220
±10
30
0.79
9.0
21
73
Ferrite
8230-78-RC
270
±10
30
0.79
8.0
25
65
Ferrite
8230-80-RC
330
±10
30
0.79
4.0
28
62
Ferrite
8230-82-RC
390
±10
30
0.79
6.6
35
55
Ferrite
8230-84-RC
470
±10
30
0.79
6.0
42
50
Ferrite
8230-86-RC
560
±10
30
0.79
5.0
46
48
Ferrite
8230-88-RC
680
±10
30
0.79
4.2
60
42
Ferrite
8230-90-RC
820
±10
30
0.79
3.8
65
40
Ferrite
8230-92-RC
1,000
±10
30
0.79
3.4
72
38
Ferrite


Similar Part No. - 8230

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
8230 CEL-8230 Datasheet
148Kb / 9P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Mallory performance clu...
8230 MALLORY-8230 Datasheet
225Kb / 2P
   MSD Single Tower Coil with Isolated Ground
logo
Bourns Electronic Solut...
8230-00-RC BOURNS-8230-00-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230-02-RC BOURNS-8230-02-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230-04-RC BOURNS-8230-04-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
More results

Similar Description - 8230

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5300-02-TR-RC BOURNS-5300-02-TR-RC Datasheet
229Kb / 2P
   Conformal Coated RF Choke
77F BOURNS-77F Datasheet
172Kb / 2P
   Conformal Coated RF Choke
78F100J-TR-RC BOURNS-78F100J-TR-RC Datasheet
164Kb / 2P
   Conformal Coated RF Choke
8230-94-RC BOURNS-8230-94-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
77F151J-TR-RC BOURNS-77F151J-TR-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
79FR10M-RC BOURNS-79FR10M-RC Datasheet
109Kb / 2P
   79F Series Conformal Coated RF Choke
77F471J-TR-RC BOURNS-77F471J-TR-RC Datasheet
188Kb / 3P
   77F Series Conformal Coated RF Choke
5300-41 BOURNS-5300-41 Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
77F680J-TR-RC BOURNS-77F680J-TR-RC Datasheet
172Kb / 2P
   77F Series Conformal Coated RF Choke
5300-42-RC BOURNS-5300-42-RC Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com