Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L0805R1R0MPWRT Datasheet(PDF) 9 Page - Kemet Corporation

Part # L0805R1R0MPWRT
Description  Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0805R1R0MPWRT Datasheet(HTML) 9 Page - Kemet Corporation

Back Button L0805R1R0MPWRT Datasheet HTML 5Page - Kemet Corporation L0805R1R0MPWRT Datasheet HTML 6Page - Kemet Corporation L0805R1R0MPWRT Datasheet HTML 7Page - Kemet Corporation L0805R1R0MPWRT Datasheet HTML 8Page - Kemet Corporation L0805R1R0MPWRT Datasheet HTML 9Page - Kemet Corporation L0805R1R0MPWRT Datasheet HTML 10Page - Kemet Corporation L0805R1R0MPWRT Datasheet HTML 11Page - Kemet Corporation L0805R1R0MPWRT Datasheet HTML 12Page - Kemet Corporation L0805R1R0MPWRT Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
9
0805 Case Size Standard Type (L-DWS Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
L0805C2R2MDWST
2.2
±20%
80
0.23
410
770
7.96
3,000
L0805C4R7MDWST
4.7
±20%
45
0.40
300
580
7.96
3,000
L0805R100MDWST
10
±20%
32
0.50
200
520
2.52
3,000
L0805C220MDWST
22
±20%
16
1.70
135
280
2.52
3,000
L0805C470MDWST
47
±20%
11
3.70
90
190
2.52
3,000
0805 Case Size High Current Type (L-DWI Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
L0805C1R0MDWIT
1.0
±20%
100
0.19
700
840
7.96
3,000
L0805C2R2MDWIT
2.2
±20%
70
0.33
530
640
7.96
3,000
L0805C4R7MDWIT
4.7
±20%
45
0.50
360
520
7.96
3,000
L0805C100MDWIT
10
±20%
40
1.20
240
340
2.52
3,000
L0805C220MDWIT
22
±20%
16
3.70
170
190
2.52
3,000
L0805C470MDWIT
47
±20%
11
5.80
120
150
2.52
3,000
0806 Case Size High Current Type (L-DWI Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA) Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
L0806C1R0MDWIT
1.0
±20%
100
0.1
1100
1100
7.96
3,000
L0806C1R5MDWIT
1.5
±20%
80
0.15
1000
1000
7.96
3,000
L0806C2R2MDWIT
2.2
±20%
70
0.20
750
720
7.96
3,000
L0806C3R3MDWIT
3.3
±20%
55
0.27
600
610
7.96
3,000
L0806C4R7MDWIT
4.7
±20%
45
0.37
550
530
7.96
3,000
L0806C6R8MDWIT
6.8
±20%
38
0.59
450
450
7.96
3,000
L0806C100(_)DWIT
10
K=±10%, M=±20%
32
0.82
380
350
2.52
3,000
L0806C150(_)DWIT
15
K=±10%, M=±20%
28
1.2
300
300
2.52
3,000
L0806C220(_)DWIT
22
K=±10%, M=±20%
16
1.8
250
240
2.52
3,000
L0806C330(_)DWIT
33
K=±10%, M=±20%
14
2.8
220
220
2.52
3,000
L0806C470(_)DWIT
47
K=±10%, M=±20%
11
4.3
150
150
2.52
3,000
L0806C680(_)DWIT
68
K=±10%, M=±20%
10
7
130
130
2.52
3,000
L0806C101(_)DWIT
100
K=±10%, M=±20%
8
8
110
110
0.796
3,000
0806 Case Size Standard Type (L-DWS Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
L0806C2R2MDWST
2.2
±20%
70
0.13
510
1000
7.96
2,000
L0806C4R7MDWST
4.7
±20%
45
0.25
340
740
7.96
2,000
L0806C100MDWST
10
±20%
32
0.50
250
520
2.52
2,000
L0806C220MDWST
22
±20%
16
1.00
165
370
2.52
2,000
L0806C470MDWST
47
±20%
11
2.40
110
240
2.52
2,000
*For rated current of ordinary small power choke coils, please refer to the rated current (1) in the above table.
*For current (2) is the current for instantaneous flow such as plunging current of DC/DC converter.
In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc, please contact our sales section before
practical application.
Rated current (1):Current value to guarantee -30% of nominal inductance
Rated current (2):Current value to guarantee component temperature within
ΔT = 40°C with current flow. (It's not the current to guarantee the inductance value)
(_) - Insert Inductance Tolerance Code (K or M)
1007 Case Size Standard Type (L-DWS Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current
(mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
12
L1007C2R2MDWST
2.2
±20%
68
0.09
510
1300
7.96
2,000
L1007C4R7MDWST
4.7
±20%
46
0.13
340
1100
7.96
2,000
L1007C100MDWST
10
±20%
30
0.25
250
820
2.52
2,000
L1007C220MDWST
22
±20%
19
0.50
165
580
2.52
2,000
L1007C470MDWST
47
±20%
12
0.95
110
420
2.52
2,000
Wire Wound Chip Inductors - L-DWS, L-DWI, L-DWL, L-DWF Series


Similar Part No. - L0805R1R0MPWRT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0805R1R0MPWRT KEMET-L0805R1R0MPWRT Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
More results

Similar Description - L0805R1R0MPWRT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
logo
API Delevan
5400R API-5400R Datasheet
1Mb / 1P
   High L Filter Inductors
logo
Rhombus Industries Inc.
L-13300 RHOMBUS-IND-L-13300 Datasheet
36Kb / 1P
   High L Mini Inductors
logo
Weidmuller
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
logo
PHOENIX CONTACT
3210541 PHOENIX-3210541 Datasheet
115Kb / 6P
   PIT 2,5-PE/L/L
logo
Weidmuller
2668900000 WEIDMULLER-2668900000 Datasheet
523Kb / 5P
   AITB 2.5 BB L-L
logo
Fronter Electronics Co....
FT21M07C FRONTER-FT21M07C Datasheet
180Kb / 1P
   S-1/S-2, L-1/L-2/L-3/L-4 DIP TYPE
logo
Weidmuller
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
logo
Voltage Multipliers Inc...
1N6515US VMI-1N6515US Datasheet
340Kb / 1P
   High Voltage Diodes - Surface Mount 2.0A - 3.5A l 70ns l Hermetic l JANTX l JANTXV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com