Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL7030-332ME Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # XAL7030-332ME
Description  High Temperature Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL7030-332ME Datasheet(HTML) 2 Page - Coilcraft lnc.

  XAL7030-332ME Datasheet HTML 1Page - Coilcraft lnc. XAL7030-332ME Datasheet HTML 2Page - Coilcraft lnc. XAL7030-332ME Datasheet HTML 3Page - Coilcraft lnc. XAL7030-332ME Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
HIGH TEMPERA
TURE
Shielded Power Inductors – XAL7030
Document 863-2 Revised 08/09/12
Document 863-2
Dimensions are in
inches
mm
Typical L vs Frequency
Irms Derating
-40 -20
020406080
100
180
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
1.0 µH
1.5 µH
0.60 µH
5.6 µH
6.8 µH
8.2 µH
3.3 µH
2.2 µH
2.7 µH
4.7 µH
0.16 µH
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
10 µH
0.30 µH
0.295 ±0.020
7,5 ±0,5
0.295 ±0.020
7,5 ±0,5
0.122
3,1
A
(see table)
B
(see table)
0.063 ±0.004
1,60 ±0,10
0.123
3,12
±0.010
±0,25
0.07
1,78
0.186
4,72
Recommended
Land Pattern
Dash
number
max
A
Dash
B
number
(in / mm)
(in / mm)
±0.008 in
±0,20 mm
-161
0.261 / 6.62
0.274 / 6.97
-301
0.261 / 6.62
0.274 / 6.97
-601
0.253 / 6.42
0.263 / 6.67
-102
0.249 / 6.32
0.257 / 6.52
-152
0.245 / 6.22
0.251 / 6.37
-222
0.241 / 6.12
0.245 / 6.22
-332
0.241 / 6.12
0.245 / 6.22
-472
0.239 / 6.08
0.242 / 6.16
-562
0.239 / 6.08
0.242 / 6.16
-272
0.241 / 6.12
0.245 / 6.22
-682
-822
0.238 / 6.04
0.240 / 6.10
0.238 / 6.04
0.240 / 6.10
-103
0.238 / 6.04
0.240 / 6.10


Similar Part No. - XAL7030-332ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL7030-332ME COILCRAFT-XAL7030-332ME Datasheet
250Kb / 4P
   Shielded Power Inductors
XAL7030-332MEB COILCRAFT-XAL7030-332MEB Datasheet
236Kb / 4P
   Shielded Power Inductors
XAL7030-332MEC COILCRAFT-XAL7030-332MEC Datasheet
236Kb / 4P
   Shielded Power Inductors
XAL7030-332MED COILCRAFT-XAL7030-332MED Datasheet
236Kb / 4P
   Shielded Power Inductors
More results

Similar Description - XAL7030-332ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL60 COILCRAFT-XAL60 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL7070 COILCRAFT-XAL7070 Datasheet
208Kb / 4P
   High Temperature Shielded Power Inductors
XAL7020 COILCRAFT-XAL7020 Datasheet
217Kb / 3P
   High Temperature Shielded Power Inductors
XAL1010 COILCRAFT-XAL1010 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1060 COILCRAFT-XAL1060 Datasheet
201Kb / 3P
   High Temperature Shielded Power Inductors
XAL40 COILCRAFT-XAL40 Datasheet
263Kb / 3P
   High Temperature Shielded Power Inductors
XAL50 COILCRAFT-XAL50 Datasheet
195Kb / 4P
   High Temperature Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1205 BOURNS-SRR1205 Datasheet
417Kb / 2P
   Shielded High Power Inductors
SRR1206 BOURNS-SRR1206_11 Datasheet
331Kb / 2P
   Shielded High Power Inductors
SRR1208 BOURNS-SRR1208 Datasheet
1Mb / 2P
   Shielded High Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com