Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT823 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT823
Description  9-Bit D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT823 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT823 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT823 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT823 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT823 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT823 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT823 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT823 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Voltage Range 5.0 is 5.0V
± 0.5V
AC Operating Requirements
Note 5: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50pF
CL = 50 pF
Units
(Note 4)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
5.0
120
158
109
MHz
Frequency
tPLH
Propagation Delay
5.0
1.5
5.5
9.5
1.5
10.5
ns
CP to On
tPHL
Propagation Delay
5.0
2.0
5.5
9.5
1.5
10.5
ns
CP to On
tPHL
Propagation Delay
5.0
2.5
8.0
13.5
2.0
15.5
ns
CLR to On
tPZH
Output Enable Time
5.0
1.5
6.0
10.5
1.5
11.5
ns
OE to On
tPZL
Output Enable Time
5.0
2.0
6.5
11.0
1.5
12.0
ns
OE to On
tPHZ
Output Disable Time
5.0
1.5
6.5
11.0
1.5
12.0
ns
OE to On
tPLZ
Output Disable Time
5.0
1.5
6.0
10.5
1.5
11.5
ns
OE to On
VCC
TA = +25°C,
TA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 5)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0.5
2.5
2.5
ns
D to CP
tH
Hold Time, HIGH or LOW
5.0
0
2.5
2.5
ns
Dn to CP
tS
Setup Time, HIGH or LOW
5.0
0
2.0
2.5
ns
EN to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.0
1.0
ns
EN to CP
tW
CP Pulse Width
5.0
2.5
4.5
5.5
ns
HIGH or LOW
tW
CLR Pulse Width, LOW
5.0
3.0
5.5
5.5
ns
tREC
CLR to CP
5.0
1.5
3.5
4.0
ns
Recovery Time
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
44
pF
VCC = 5.0V


Similar Part No. - 74ACT823

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
74ACT823FCQB NSC-74ACT823FCQB Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
74ACT823FCQR NSC-74ACT823FCQR Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
74ACT823FCX NSC-74ACT823FCX Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
74ACT823FMQB NSC-74ACT823FMQB Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
More results

Similar Description - 74ACT823

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F823SDM NSC-54F823SDM Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
   16-bit D-type flip-flop
1998 Feb 27
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com