Electronic Components Datasheet Search |
|
L0603B100PWFT Datasheet(PDF) 11 Page - Kemet Corporation |
|
L0603B100PWFT Datasheet(HTML) 11 Page - Kemet Corporation |
11 / 32 page © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 11 Features: Operating Temperature: • Multilayer inductor made of advanced ceramics with low • 0201: -55ºC to +125ºC resistivity silver used as internal conductors, provides • 0402: -55ºC to +125ºC* excellent Q and SRF characteristics -55ºC to +85ºC* • Multilayer block structure ensures outstanding reliability, • 0603: -40ºC to +85ºC high productivity and excellent product quality • 0805: -40ºC to +85ºC Applications: * Depends on rated current. • Designed to address surface mount inductor needs for applications above 100MHz • Mobile phones and pagers • High frequency circuits • EMI counter measures in high frequency circuits EIA Case Size Metric Dim. Code L Length (inches) W Width (inches) T Thickness Maximum (inches) E (inches) 0201 0603 0.6 ±0.03 (0.024 ±0.001) 0.3 ±0.03 (0.012 ±0.001) 0.3 ±0.03 (0.012 ±0.001) 0.15 ±0.05 (0.006 ±0.002) 0402 1005 1.0 ±0.05 (0.039 ±0.002) 0.5 ±0.05 (0.02 ±0.002) 0.5 ±0.05 (0.02 ±0.002) 0.25 ±0.10 (0.01 ±0.004) 0603 1608 1.6 ±0.15 (0.063 ±0.006) 0.8 ±0.15 (0.031 ±0.006) 0.8 ±0.15 (0.031 ±0.006) 0.3 ±0.2 (0.012 ±0.008) 0805 2125 2.0 +0.3/-0.1 (0.079 +0.012/-0.004) 1.25 ±0.2 (0.049 ±0.008) 0.85 ±0.2 1.0 +0.2/-0.3 (0.033 ±0.008) (0.039 +0.008/-0.012) 0.5 ±0.3 (0.020 ±0.012) E T W L Multilayer Chip Inductors for High Frequency - L-RMS Series Part Numbering Table Dimension Table in millimeters (inches) Multilayer Chip Inductors - High Frequency - L-RMS Series Inductance Examples: 3N9 = 3.9nH 10N = 10.0nH R10 = 100nH R12 = 120nH Inductance Tolerance C = ±0.2nH H = ±3% J = ±5% S = ±0.3nH Inductor L C 0402 2N2 S RMS T Case Size (EIA) 0201 0603 0402 0805 Type RMS = High Frequency Specification C = Commercial Packaging Code T = Tape & Reel |
Similar Part No. - L0603B100PWFT |
|
Similar Description - L0603B100PWFT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |