Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH1002CGY-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1002CGY-TR
Description  Automotive high efficiency ultrafast diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CGY-TR Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1002CGY-TR Datasheet HTML 1Page - STMicroelectronics STTH1002CGY-TR Datasheet HTML 2Page - STMicroelectronics STTH1002CGY-TR Datasheet HTML 3Page - STMicroelectronics STTH1002CGY-TR Datasheet HTML 4Page - STMicroelectronics STTH1002CGY-TR Datasheet HTML 5Page - STMicroelectronics STTH1002CGY-TR Datasheet HTML 6Page - STMicroelectronics STTH1002CGY-TR Datasheet HTML 7Page - STMicroelectronics STTH1002CGY-TR Datasheet HTML 8Page - STMicroelectronics STTH1002CGY-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2011
Doc ID 17536 Rev 2
1/9
9
STTH1002C-Y
Automotive high efficiency ultrafast diode
Features
Suited for SMPS
Low losses
Low forward and reverse recovery times
High junction temperature
Low leakage current
AEC-Q101 qualified
Description
Dual center tap rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packaged in DPAK and D2PAK, this device is
intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection for
automotive applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
Up to 2 x 8 A
VRRM
200 V
Tj (max)
175 °C
VF(typ)
0.78 V
trr (typ)
20 ns
D2PAK
STTH1002CGY
A1
A2
K
A1
A2
K
K
DPAK
STTH1002CBY
K
K
A1
A2
www.st.com


Similar Part No. - STTH1002CGY-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1002CG STMICROELECTRONICS-STTH1002CG Datasheet
114Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH1002CG-TR STMICROELECTRONICS-STTH1002CG-TR Datasheet
114Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
More results

Similar Description - STTH1002CGY-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2003C-Y STMICROELECTRONICS-STTH2003C-Y Datasheet
89Kb / 7P
   Automotive high efficiency ultrafast diode
STTH102-Y STMICROELECTRONICS-STTH102-Y Datasheet
101Kb / 7P
   Automotive high efficiency ultrafast diode
STTH1602C-Y STMICROELECTRONICS-STTH1602C-Y Datasheet
461Kb / 11P
   Automotive high efficiency ultrafast diode
December 2017 Rev 1
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com