Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5263BRUZ20-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5263BRUZ20-REEL7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ20-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5263BRUZ20-REEL7 Datasheet HTML 1Page - Analog Devices AD5263BRUZ20-REEL7 Datasheet HTML 2Page - Analog Devices AD5263BRUZ20-REEL7 Datasheet HTML 3Page - Analog Devices AD5263BRUZ20-REEL7 Datasheet HTML 4Page - Analog Devices AD5263BRUZ20-REEL7 Datasheet HTML 5Page - Analog Devices AD5263BRUZ20-REEL7 Datasheet HTML 6Page - Analog Devices AD5263BRUZ20-REEL7 Datasheet HTML 7Page - Analog Devices AD5263BRUZ20-REEL7 Datasheet HTML 8Page - Analog Devices AD5263BRUZ20-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 3 of 28
ELECTRICAL CHARACTERISTICS—20 kΩ, 50 kΩ, 200 kΩ VERSIONS
VDD = +5 V, VSS = –5 V, VL = +5 V, VA = +VDD, VB = 0 V, –40°C < TA < +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Specifications apply to all VRs
Resistor Differential NL2
R-DNL
R
WB, VA = NC
−1
±1/4
+1
LSB
Resistor Nonlinearity2
R-INL
R
WB, VA = NC
−1
±1/2
+1
LSB
Nominal Resistor Tolerance3
∆R
AB
T
A = 25°C
−30
+30
%
Resistance Mode Temperature
Coefficient
∆R
WB/∆T
30
ppm/°C
∆R
WA/∆T
30
ppm/°C
Wiper Resistance
R
W
I
W = 1 V/RAB
60
150
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE
Specifications apply to all VRs
Resolution
N
8
Bits
Differential Nonlinearity4
DNL
−1
±1/4
+1
LSB
Integral Nonlinearity4
INL
−1
±1/2
+1
LSB
Voltage Divider Temperature Coefficient
∆V
W/∆T
Code = 0x80
5
ppm/°C
Full-Scale Error
V
WFSE
Code = 0xFF
−2
−1
+0
LSB
Zero-Scale Error
V
WZSE
Code = 0x00
0
+1
+2
LSB
RESISTOR TERMINALS
Voltage Range5
V
A,B,W
V
SS
V
DD
V
Capacitance6 Ax, Bx
C
A,B
f = 1 MHz, measured to GND,
Code = 0x80
25
pF
Capacitance6 Wx
C
W
f = 1 MHz, measured to GND,
Code = 0x80
55
pF
Common-Mode Leakage
I
CM
V
A = VB = VDD/2
1
nA
Shutdown Current7
I
SHDN
0.02
5
µA
DIGITAL INPUTS
Input Logic High
V
IH
2.4
V
Input Logic Low
V
IL
0.8
V
Input Logic High (SDA and SCL)
V
IH
V
SS = 0 V
0.7 × V
L
V
L + 0.5
V
Input Logic Low (SDA and SCL)
V
IL
V
SS = 0 V
−0.5
0.3 × V
L
V
Input Current
I
IL
V
IN = 0 V or +5 V
±1
µA
Input Capacitance6
C
IL
5
pF
DIGITAL OUTPUTS
SDA
V
OL
I
SINK = 3 mA
0.4
V
V
OL
I
SINK = 6 mA
0.6
V
O1, O2
V
OH
I
SOURCE = 40 µA
4
V
O1, O2
V
OL
I
SINK = 1.6 mA
0.4
V
SDO
V
OH
R
L = 2.2 kΩ to VDD
V
DD − 0.1
V
SDO
V
OL
I
SINK = 3 mA
0.4
V
Three-State Leakage Current
I
OZ
V
IN = 0 V or +5 V
±1
µA
Output Capacitance6
C
OZ
3
8
pF


Similar Part No. - AD5263BRUZ20-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5263BRU20 AD-AD5263BRU20 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU20-REEL7 AD-AD5263BRU20-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200 AD-AD5263BRU200 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200-REEL7 AD-AD5263BRU200-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU50 AD-AD5263BRU50 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
More results

Similar Description - AD5263BRUZ20-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com