Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY72302-21 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY72302-21
Description  SKY72302-21: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY72302-21 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY72302-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DATA SHEET • SKY72302-21 FREQUENCY SYNTHESIZER
A3
A2
A1
A0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
X
X
X
MSB
LSB
Main Synthesizer Divider Index
C1417
Figure 6. Main Divider Register (Write Only)
C1418
A3
A2
A1
A0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
1
X
X
MSB
LSB
Main Synthesizer Dividend (MSBs)
Figure 7. Main Dividend MSB Register (Write Only)
A3
A2
A1
A0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
1
0
X
X
X
X
MSB
LSB
Main Synthesizer Dividend (LSBs)
C1419
Figure 8. Main Dividend LSB Register (Write Only)
A3
A2
A1
A0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
1
1
X
X
X
MSB
LSB
Auxiliary Synthesizer Divider Index
C1420
Figure 9. Auxiliary Divider Register (Write Only)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
September 9, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 101216L


Similar Part No. - SKY72302-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
More results

Similar Description - SKY72302-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
   CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72300-21 SKYWORKS-SKY72300-21 Datasheet
166Kb / 23P
   SKY72300-21: Spur-Free, 2.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72301 ETC-CX72301 Datasheet
165Kb / 20P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72301-22 SKYWORKS-SKY72301-22 Datasheet
168Kb / 21P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
SKY72310 ETC2-SKY72310 Datasheet
210Kb / 19P
   SKY72310: Spur-Free, 2.1 GHz Single Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4158 AD-ADF4158 Datasheet
455Kb / 36P
   Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com