Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY72302-21 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY72302-21
Description  SKY72302-21: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY72302-21 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY72302-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY72302-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DATA SHEET • SKY72302-21 FREQUENCY SYNTHESIZER
Fractional-N Applications. The desired division ratio for the
main synthesizer is given by:
Nfractional
F
VCO
_main
4F
div
_ref
---------------------------------
=
The desired division ratio for the auxiliary synthesizer is given by:
Nfractional
F
VCO
_aux
F
di v
_ref
-------------------------
=
where Nfractional must be between 150 and 2150 for the main
synthesizer or between 37.5 and 537.5 for the auxiliary
synthesizer.
The value to be programmed by the Main or Auxiliary Divider
Register is given by:
32
)
N
(
Round
N
fractional
reg
NOTE: The Round function rounds the number to the nearest
integer.
When in fractional mode, allowed values for Nreg are from 6 to 505
inclusive.
The value to be programmed by either of the MSB/LSB Dividend
Registers or the Auxiliary Dividend Register is given by:
)]
32
N
N
(
divider
[
Round
dividend
reg
fractional
where the divider is either 1024 in 10-bit mode or 262144 in
18-bit mode. Therefore, the dividend is a signed binary value
either 10 or 18 bits long.
NOTE: Because of the high fractionality of the SKY72302-21,
there is no practical need for any integer relationship
between the reference frequency and the channel spacing
or desired VCO frequencies.
Sample calculations for two fractional-N applications are provided
in Figure 4.
Integer-N Applications. The desired division ratio for the main or
auxiliary synthesizer is given by:
ref
_
div
main
_
vco
eger
int
F
F
N
where Ninteger is an integer number from 32 to 543.
The value to be programmed by the Main or Auxiliary Divider
Register is given by:
32
N
N
eger
int
reg
When in integer mode, allowed values for Nreg are from 0 to 511
for both the main and auxiliary synthesizers.
NOTE: As with all integer-N synthesizers, the minimum step size
is related to the crystal frequency and reference frequency
division ratio.
A sample calculation for an integer-N application is provided in
Figure 5.
Register Loading Order. In applications where the main
synthesizer is in 18-bit mode, the Main Dividend MSB Register
holds the 10 MSBs of the dividend and the Main Dividend LSB
Register holds the 8 LSBs of the dividend. The registers that
control the main synthesizer’s divide ratio are to be loaded in the
following order:
Main Divider Register
Main Dividend LSB Register
Main Dividend MSB Register (at which point the new divide ratio
takes effect)
In applications where the main synthesizer is in 10-bit mode, the
Main Dividend MSB Register holds the 10 bits of the dividend. The
registers that control the main synthesizer’s divide ratio are to be
loaded in the following order:
Main Divider Register
Main Dividend MSB Register (at which point the new divide ratio
takes effect)
For the auxiliary synthesizer, the Auxiliary Dividend Register holds
the 10 bits of the dividend. The registers that control the auxiliary
synthesizer’s divide ratio are to be loaded in the following order:
Auxiliary Divider Register
Auxiliary Dividend Register (at which point the new divide ratio
takes effect)
NOTE: When in integer mode, the new divide ratios take effect as
soon as the Main or Auxiliary Divider Register is loaded.
Direct Digital Modulation
The high fractionality and small step size of the SKY72302-21
allow the user to tune to practically any frequency in the VCO’s
operating range. This allows direct digital modulation by
programming the different desired frequencies at precise
instants. Typically, the channel frequency is programmed by the
Main Divider and MSB/LSB Dividend Registers, and the
instantaneous frequency offset from the carrier is programmed by
the Modulation Data Register.
The Modulation Data Register can be accessed in three ways as
defined in the following subsections.
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101216L • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 9, 2009
5


Similar Part No. - SKY72302-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
More results

Similar Description - SKY72302-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
   CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72300-21 SKYWORKS-SKY72300-21 Datasheet
166Kb / 23P
   SKY72300-21: Spur-Free, 2.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72301 ETC-CX72301 Datasheet
165Kb / 20P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72301-22 SKYWORKS-SKY72301-22 Datasheet
168Kb / 21P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
SKY72310 ETC2-SKY72310 Datasheet
210Kb / 19P
   SKY72310: Spur-Free, 2.1 GHz Single Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4158 AD-ADF4158 Datasheet
455Kb / 36P
   Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com