Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT2708PC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74ACT2708PC
Description  64 x 9 First-In, First-Out Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT2708PC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACT2708PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.fairchildsemi.com
6
Mode 3: With FIFO Full, Shift-In is Held HIGH
in Anticipation of an Empty Location
Sequence of Operation
1. The FIFO is initially full and Shift-In goes HIGH. OR is
initially HIGH. Shift-Out is LOW. IR is LOW.
2. Shift-Out is pulsed HIGH, Shift-Out pulse propagates
and the first data word is latched on the rising edge of
SO. OR falls on this edge. On the falling edge of SO,
the second data word appears after propagation delay
tD. New data is written into the FIFO after SO goes
LOW.
3. Input Ready goes HIGH one fall-through time, tFT, after
the falling edge of SO. Also, HF goes HIGH one tOF
after SO falls, indicating that the FIFO is no longer full.
4. IR returns LOW pulse width t IP after rising and shifting
new data in. Also, HF returns LOW pulse width t3F after
rising, indicating the FIFO is once more full.
5. Shift-In is brought LOW to complete the shift-in process
and maintain normal operation.
Note: MR and FULL are HIGH; OE is LOW.
FIGURE 3. Modes of Operation Mode 3


Similar Part No. - 74ACT2708PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74ACT273 ONSEMI-74ACT273 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
74ACT273B STMICROELECTRONICS-74ACT273B Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

Similar Description - 74ACT2708PC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com