Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT18823SSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT18823SSC
Description  18-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT18823SSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT18823SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT18823SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT18823SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT18823SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT18823SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT18823SSC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500294
www.fairchildsemi.com
August 1999
Revised October 1999
74ACT18823
18-Bit D-Type Flip-Flop with 3-STATE Outputs
General Description
The ACT18823 contains eighteen non-inverting D-type flip-
flops with 3-STATE outputs and is intended for bus oriented
applications. The device is byte controlled. A buffered clock
(CP), Clear (CLR), Clock Enable (EN) and Output Enable
(OE) are common to each byte and can be shorted
together for full 18-bit operation.
Features
s Broadside pinout allows for easy board layout
s Separate control logic for each byte
s Extra data width for wider address/data paths or buses
carrying parity
s Outputs source/sink 24 mA
s TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
FACT
™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACT18823SSC
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74ACT18823MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Input (Active LOW)
CLRn
Clear (Active LOW)
ENn
Clock Enable (Active LOW)
CPn
Clock Pulse Input
I0–I17
Inputs
O0–O17
Outputs


Similar Part No. - 74ACT18823SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT18825 FAIRCHILD-74ACT18825 Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT18825MTD FAIRCHILD-74ACT18825MTD Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT18825SSC FAIRCHILD-74ACT18825SSC Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACT18823SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ18823 FAIRCHILD-74ACTQ18823 Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
SCAN18374T FAIRCHILD-SCAN18374T Datasheet
99Kb / 12P
   D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com