Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT16646 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT16646
Description  16-Bit Transceiver/Register with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT16646 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT16646 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 5: Voltage Range 5.0 is 5.0V
± 0.5V.
AC Operating Requirements
Note 6: Voltage Range 5.0 is 5.0V
± 0.5V.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 5)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
5.0
4.6
6.9
9.4
3.6
10.1
ns
tPLH
Clock to Bus
4.3
6.5
8.9
3.3
9.7
tPHL
Propagation Delay
5.0
4.0
6.2
8.5
2.9
9.2
ns
tPLH
Bus to Bus
4.1
6.4
8.6
3.2
9.3
tPHL
Propagation Delay
5.0
4.0
6.4
8.9
3.1
9.6
ns
tPLH
Select to Bus
4.2
6.7
9.5
3.2
10.4
(w/An or Bn HIGH or LOW)
tPZL
Enable Time
5.0
5.3
7.8
10.5
3.8
11.4
ns
tPZH
G to An/Bn
4.6
6.9
9.4
3.3
10.2
tPLZ
Disable Time
5.0
3.0
5.5
8.1
2.3
8.6
ns
tPHZ
G to An/Bn
3.4
5.7
8.3
2.6
8.6
tPZL
Enable Time
5.0
5.1
8.2
11.8
4.3
12.7
ns
tPZH
DIR to An/Bn
4.6
7.5
10.8
3.7
11.7
tPLZ
Disable Time
5.0
2.9
5.8
9.2
2.0
9.8
ns
tPHZ
DIR to An/Bn
3.4
6.1
9.2
2.5
9.7
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 6)
Guaranteed Minimum
tS
Setup Time, H or L
5.0
3.0
3.0
ns
Bus to Clock
tH
Hold Time, H or L
5.0
1.5
1.5
ns
Bus to Clock
tW
Clock Pulse Width
5.0
4.0
4.0
ns
H or L
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
95
pF
VCC = 5.0V


Similar Part No. - 74ACT16646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16646 TI-74ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646 TI1-74ACT16646 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DL TI-74ACT16646DL Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DL TI1-74ACT16646DL Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DLG4 TI-74ACT16646DLG4 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT16646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16652 FAIRCHILD-74LVTH16652 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVT16646 FAIRCHILD-74LVT16646 Datasheet
91Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com