Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ACT16543 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74ACT16543
Description  16-Bit Registered Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ACT16543 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Voltage Range 5.0 is 5.0V
± 0.5V.
AC Operating Requirements
Note 5: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 4)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.8
5.9
8.3
3.0
9.0
tPHL
Transparent Mode
5.0
3.5
5.5
7.9
2.6
8.5
ns
An to Bnor Bn to An
tPLH
Propagation Delay
4.7
6.9
9.8
3.4
10.8
tPHL
LEBAn, LEABn
5.0
3.9
6.3
9.0
3.1
9.8
ns
to An, Bn
tPZH
Output Enable Time
4.2
6.3
9.2
3.0
9.9
tPZL
OEBAn or OEABn to An or Bn
5.0
4.9
7.3
10.3
3.6
10.3
ns
CEBAn or CEABn to An or Bn
tPHZ
Output Disable Time
2.8
5.2
8.0
2.1
8.3
tPLZ
OEBAn or OEABn to An or Bn
5.0
2.6
5.0
7.6
2.0
8.1
ns
CEBAn or CEABn to An or Bn
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 5)
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
3.0
3.0
ns
An or Bn to LEBAn or LEABn
tH
Hold Time, HIGH or LOW
5.0
1.5
1.5
ns
An or Bn to LEBAn or LEABn
tW
Latch Enable, B to A
5.0
4.0
4.0
ns
Pulse Width, LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation.Capacitance
95.0
pF
VCC = 5.0V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn