Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74ACT16541 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74ACT16541
Description  16-Bit Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ACT16541 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Voltage Range 5.0 is 5.0V
r 0.5V.
Capacitance
VCC
TA = +25qCTA = 40qC to +85qC
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 4)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.0
5.2
7.3
3.0
7.8
ns
tPHL
Data to Output
2.5
4.8
7.3
2.5
7.8
tPZH
Output Enable Time
5.0
2.6
5.0
7.4
2.6
7.9
ns
tPZL
2.7
5.4
8.0
2.7
8.5
tPHZ
Output Disable Time
5.0
2.7
5.6
8.3
2.7
8.7
ns
tPLZ
2.4
5.2
7.9
2.4
8.4
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn