Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1445092-6 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-1445092-6
Description  Micro MATE-N-LOK Connector System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1445092-6 Datasheet(HTML) 3 Page - Tyco Electronics

  2-1445092-6 Datasheet HTML 1Page - Tyco Electronics 2-1445092-6 Datasheet HTML 2Page - Tyco Electronics 2-1445092-6 Datasheet HTML 3Page - Tyco Electronics 2-1445092-6 Datasheet HTML 4Page - Tyco Electronics 2-1445092-6 Datasheet HTML 5Page - Tyco Electronics 2-1445092-6 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
te.com/products/micromatenlok
Micro MATE-N-LOK Connector System
TE Connectivity
PART NUMbER EXPLANATION
2-PN-2
2 Position Header
2-PN-3
3 Position Header
2-PN-4
4 Position Header
2-PN-5
5 Position Header
2-PN-6
6 Position Header
2-PN-7
7 Position Header
2-PN-8
8 Position Header
2-PN-9
9 Position Header
3-PN-0
10 Position Header
3-PN-1
11 Position Header
3-PN-2
12 Position Header
Note: To select the complete part number:
• Use 2- prefix for single row headers up to 9 positions.
• Use 3- prefix for single row headers from 10 to 12 positions.
• The -X suffix indicates number of positions.
(Example: 2-1445050-5 would be a 5 position header.
3-1445050-1 would be an 11 position header.)
SINGLE ROW HEAdERS
Part No.
(PN)
Position
Single
Row
Plating Style
Vertical
Right
Angle
SMT
Thru-
hole
SMT
Hold
Down
Metal
Hold
Down
Plastic
Hold
Down
Packing Type
Mating Half
Tin
15µ gold 30µ gold
Tray
Tape &
Reel
x-1445050-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445051-x
2-12
x
x
x
x
x
x
x
x-1445022-x
x-1445052-x
2-12
x
x
x
x
x
x
x
x-1445022-x
x-1445053-x
2-12
x
x
x
x
x
x-1445022-x
x-1445054-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445055-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445056-x
2-12
x
x
x
x
x
x
x
x-1445022-x
x-1445057-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445058-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445084-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445085-x
2-12
x
x
x
x
x
x
x
x
x-1445022-x
x-1445086-x
2-12
x
x
x
x
x
x
x
x-1445022-x
x-1445087-x
2-12
x
x
x
x
x
x-1445022-x
x-1445088-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445089-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445090-x
2-12
x
x
x
x
x
x
x
x-1445022-x
x-1445091-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445092-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445093-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445094-x
2-12
x
x
x
x
x-1445022-x
x-1445095-x
2-12
x
x
x
x
x
x
x
x-1445022-x
x-1445096-x
2-12
x
x
x
x
x
x-1445022-x
x-1445097-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445098-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445099-x
2-12
x
x
x
x
x
x
x
x-1445022-x
x-1445100-x
2-12
x
x
x
x
x
x
x-1445022-x
x-1445101-x
2-12
x
x
x
x
x
x
x-1445022-x


Similar Part No. - 2-1445092-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1445092-2 MACOM-2-1445092-2 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-3 MACOM-2-1445092-3 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-4 MACOM-2-1445092-4 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-5 MACOM-2-1445092-5 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-7 MACOM-2-1445092-7 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
More results

Similar Description - 2-1445092-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1445092-4 MACOM-2-1445092-4 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-8 MACOM-2-1445092-8 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-3 MACOM-2-1445092-3 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-5 MACOM-2-1445092-5 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-9 MACOM-2-1445092-9 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-7 MACOM-2-1445092-7 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-2 MACOM-2-1445092-2 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
1-770872-1 MACOM-1-770872-1 Datasheet
546Kb / 6P
   Mini-Universal MATE-N-LOK Connector System
1-794606-1 MACOM-1-794606-1 Datasheet
130Kb / 1P
   CONTACT, RECEPTACLE, CRIMP, SNAP0IN, MICRO MATE-N-LOK
logo
List of Unclassifed Man...
C-350537 ETC2-C-350537 Datasheet
83Kb / 1P
   Universal Mate-N-LOK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com