Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ657SC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74ACTQ657SC
Description  Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ657SC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ACTQ657SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ657SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ657SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ657SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ657SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ657SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ657SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ657SC Datasheet HTML 9Page - Fairchild Semiconductor 74ACTQ657SC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics for ACTQ
Note 16: Voltage Range 5.0 is 5.0V
±0.5V
Note 17: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
Note 18: These delay times reflect the 3-STATE recovery time only and not the signal time through the buffers or the parity check circuitry. To assure VALID
information at the ERROR pin, time must be allowed for the signal to propagate through the drivers (B to A), through the parity check circuitry (same as A to
PARITY), and to the ERROR output after the ERROR pin has been enabled (Output Enable times). VALID data at the ERROR pin
≥ (A to PARITY) + (Output
Enable Time).
Capacitance
VCC
TA = 25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 16)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.01.5
5.08.0
1.58.5
ns
tPHL
An to Bn, Bn to An
tPLH
Propagation Delay
5.0
2.5
7.5
11.0
2.5
11.5
ns
tPHL
An to Parity
tPLH
Propagation Delay
5.0
2.5
6.5
10.5
2.5
11.0
ns
tPHL
ODD/EVEN to PARITY
tPLH
Propagation Delay
5.0
2.5
6.5
10.5
2.5
11.0
ns
tPHL
ODD/EVEN to ERROR
tPLH,
Propagation Delay
5.0
3.0
7.5
11.0
3.0
11.5
ns
tPHL
Bn to ERROR
tPLH
Propagation Delay
5.0
2.0
6.0
9.5
2.0
10.0
ns
tPHL
PARITY to ERROR
tPZH
Output Enable Time
5.0
2.0
6.0
9.5
2.0
10.0
ns
tPZL
OE to An/Bn
tPHZ
Output Disable Time
5.01.0
5.09.0
1.09.5
ns
tPLZ
OE to An/Bn
tPZH
Output Enable Time
5.0
2.0
6.0
9.5
2.0
10.0
ns
tPZL
OE to ERROR (Note 18)
tPHZ
Output Disable Time
5.01.0
6.09.0
1.09.5
ns
tPLZ
OE to ERROR
tPZH
Output Enable Time
5.0
2.0
6.0
9.5
2.0
10.0
ns
tPZL
OE to PARITY
tPHZ
Output Disable Time
5.01.0
5.09.0
1.09.5
ns
tPLZ
OE to PARITY
tOSHL
Output to Output Skew
5.0
0.5
1.0
1.0
ns
tOSLH
An, Bn to Bn, An (Note 17)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
160.0
pF
VCC = 5.0


Similar Part No. - 74ACTQ657SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
74ACTQ652MTC FAIRCHILD-74ACTQ652MTC Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
74ACTQ652SC FAIRCHILD-74ACTQ652SC Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
74ACTQ652SPC FAIRCHILD-74ACTQ652SPC Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
More results

Similar Description - 74ACTQ657SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ657 NSC-54ACTQ657 Datasheet
229Kb / 10P
   Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
54F657 TI1-54F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com