Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1808637 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1808637
Description  Printed-circuit board connector - FKCS 2,5/ 9-ST-5,08-RF - 1808637
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1808637 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1808637 Datasheet HTML 1Page - PHOENIX CONTACT 1808637 Datasheet HTML 2Page - PHOENIX CONTACT 1808637 Datasheet HTML 3Page - PHOENIX CONTACT 1808637 Datasheet HTML 4Page - PHOENIX CONTACT 1808637 Datasheet HTML 5Page - PHOENIX CONTACT 1808637 Datasheet HTML 6Page - PHOENIX CONTACT 1808637 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1808637
17.01.2013   Page 1 / 7
Printed-circuit board connector - FKCS 2,5/ 9-ST-5,08-
RF - 1808637
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 9, Pitch:
5.08 mm, Connection method: Spring-cage conn., Color: green, Contact surface: Tin
 
Key commercial data
Packing unit
0
Minimum order quantity
1
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
25.2 mm
Height
15 mm
Pitch
5.08 mm
Dimension a
40.64 mm
Number of positions
9
Technical data
Range of articles
FKCS 2,5/..-ST-RF
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
250 V


Similar Part No. - 1808637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808638 PHOENIX-1808638 Datasheet
96Kb / 5P
   Base strip - MSTBV 2,5/19-GEH-5,08
More results

Similar Description - 1808637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808585 PHOENIX-1808585 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 4-ST-5,08-RF
1808705 PHOENIX-1808705 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/16-ST-5,08-RF
1808666 PHOENIX-1808666 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/12-ST-5,08-RF
1808682 PHOENIX-1808682 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/14-ST-5,08-RF
1808695 PHOENIX-1808695 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/15-ST-5,08-RF
1808679 PHOENIX-1808679 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/13-ST-5,08-RF
1808569 PHOENIX-1808569 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 2-ST-5,08- RF - 1808569
1808624 PHOENIX-1808624 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 8-ST-5,08-RF - 1808624
1808608 PHOENIX-1808608 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 6-ST-5,08-RF - 1808608
1808640 PHOENIX-1808640 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/10-ST-5,08-RF - 1808640
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com