Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1808624 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1808624
Description  Printed-circuit board connector - FKCS 2,5/ 8-ST-5,08-RF - 1808624
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1808624 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1808624
18.01.2013   Page 1 / 7
Printed-circuit board connector - FKCS 2,5/ 8-ST-5,08-
RF - 1808624
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch:
5.08 mm, Connection method: Spring-cage conn., Color: green, Contact surface: Tin
 
Key commercial data
Packing unit
0
Minimum order quantity
1
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
25.2 mm
Height
15 mm
Pitch
5.08 mm
Dimension a
35.56 mm
Number of positions
8
Technical data
Range of articles
FKCS 2,5/..-ST-RF
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
250 V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn