Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ACQ373 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 74ACQ373
Description  Quiet Series™ Octal Transparent Latch with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ373 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACQ373 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 9Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements for ACTQ
Note 18: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°C
TA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 18)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0
3.0
3.0
ns
Dn to LE
tH
Hold Time, HIGH or LOW
5.0
0
1.5
1.5
ns
Dn to LE
tW
LE Pulse Width, HIGH
5.0
2.0
4.0
4.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
44.0
pF
VCC = 5.0V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn