Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACQ240PC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACQ240PC
Description  Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ240PC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACQ240PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ240PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ240PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ240PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ240PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ240PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ240PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ240PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ240PC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACQ
Note 13: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.3
± 0.3V.
Note 14: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Electrical Characteristics for ACTQ
Note 15: Voltage Range 5.0 is 5.0V
± 0.5V
Note 16: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 13)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
3.3
2.0
7.0
10.0
2.0
10.5
ns
tPLH
Data to Output
5.0
1.5
5.0
6.5
1.5
7.0
tPZL
Output Enable Time
3.3
2.5
8.0
12.0
2.5
12.5
ns
tPZH
5.0
1.5
5.5
8.0
1.5
8.5
tPHZ
Output Disable Time
3.3
1.0
8.5
13.5
1.0
14.0
ns
tPLZ
5.0
1.0
6.0
9.0
1.0
9.5
tOSHL
Output to Output Skew
3.3
1.0
1.5
1.5
ns
tOSLH
Data to Output (Note 14)
5.0
0.5
1.0
1.0
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 15)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
5.0
1.5
5.5
7.0
1.5
7.5
ns
tPLH
Data to Output
tPZL, tPZH
Output Enable Time
5.0
1.5
6.5
8.5
1.5
9.0
ns
tPHZ, tPLZ
Output Disable Time
5.0
1.0
7.0
9.5
1.0
10.0
ns
tOSHL
Output to Output Skew
5.0
0.5
1.0
1.0
ns
tOSLH
Data to Output (Note 16)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
70
pF
VCC = 5.0V


Similar Part No. - 74ACQ240PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240SC FAIRCHILD-74ACQ240SC Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240SJ FAIRCHILD-74ACQ240SJ Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACQ240PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541_07 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244QSCX FAIRCHILD-74ACTQ244QSCX Datasheet
110Kb / 10P
   Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com