Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT573PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT573PC
Description  Octal Latch with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT573PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT573PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT573PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT573PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT573PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT573PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT573PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT573PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT573PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT573PC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics for AC
Note 5: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.3V
± 0.3V
AC Operating Requirements for AC
Note 6: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.3V
± 0.3V
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 5)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
3.3
0.5
8.5
10.5
2.5
11.0
ns
tPLH
Dn to On
5.0
1.5
5.5
7.0
1.5
7.5
tPLH
Propagation Delay
3.3
2.5
8.5
12.0
2.5
12.5
ns
tPHL
LE to On
5.0
2.0
6.0
8.0
2.0
8.5
tPZL
Output Enable Time
3.3
2.5
8.5
13.0
2.5
13.5
ns
tPZH
5.0
1.5
6.0
8.5
1.5
9.0
tPHZ
Output Disable Time
3.3
1.0
9.0
14.5
1.0
15.0
ns
tPLZ
5.0
1.0
6.0
9.5
1.0
10.0
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 6)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
0
3.0
3.0
ns
Dn to LE
5.0
0
3.0
3.0
tH
Hold Time, HIGH or LOW
3.3
0
1.5
1.5
ns
Dn to LE
5.0
0
1.5
1.5
tW
LE Pulse Width, HIGH
3.3
2.0
4.0
4.0
ns
5.0
2.0
4.0
4.0


Similar Part No. - 74ACT573PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT573PC FAIRCHILD-74ACT573PC Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
More results

Similar Description - 74ACT573PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT563 FAIRCHILD-74ACT563 Datasheet
45Kb / 5P
   Octal Latch with 3-STATE Outputs
74AC573 FAIRCHILD-74AC573_07 Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74F373 FAIRCHILD-74F373 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com