Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ACQ245 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 74ACQ245
Description  Quiet Series™ Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ245 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACQ245 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 9Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ245, 74ACTQ245 Rev. 1.4
6
AC Electrical Characteristics for ACQ
Notes:
11. Voltage range 5.0 is 5.0V ± 0.5V. Voltage range 3.3 is 3.3V ± 0.3V.
12. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Electrical Characteristics for ACTQ
Notes:
13. Voltage range 5.0 is 5.0V ± 0.5V
14. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
VCC (V)
(11)
TA = +25°C,
CL = 5 pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay,
Data to Output
3.3
2.0
7.5
10.0
2.0
10.5
ns
5.0
1.5
5.0
6.5
1.5
7.0
tPZL, tPZH
Output Enable Time
3.3
3.0
8.5
13.0
3.0
13.5
ns
5.0
2.0
6.0
8.5
2.0
9.0
tPHZ, tPLZ
Output Disable Time
3.3
1.0
8.5
14.5
1.0
15.0
ns
5.0
1.0
7.5
9.5
1.0
10.0
tOSHL, tOSLH Output to Output Skew,
Data to Output(12)
3.3
1.0
1.5
1.5
ns
5.0
0.5
1.0
1.0
Symbol
Parameter
VCC (V)
(13)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay,
Data to Output
5.0
1.5
5.5
7.0
1.5
7.5
ns
tPZL, tPZH
Output Enable Time
5.0
2.0
7.0
9.0
2.0
9.5
ns
tPHZ, tPLZ
Output Disable Time
5.0
1.0
8.0
10.0
1.0
10.5
ns
tOSHL, tOSLH Output to Output Skew,
Data to Output(14)
5.0
0.5
1.0
1.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CI/O
Input/Output Capacitance
VCC = 5.0V
15
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
80.0
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn