Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK304G Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK304G
Description  Lowest Component Count, Energy-Efficient Off-Line Switcher IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK304G Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK304G Datasheet HTML 7Page - Power Integrations, Inc. LNK304G Datasheet HTML 8Page - Power Integrations, Inc. LNK304G Datasheet HTML 9Page - Power Integrations, Inc. LNK304G Datasheet HTML 10Page - Power Integrations, Inc. LNK304G Datasheet HTML 11Page - Power Integrations, Inc. LNK304G Datasheet HTML 12Page - Power Integrations, Inc. LNK304G Datasheet HTML 13Page - Power Integrations, Inc. LNK304G Datasheet HTML 14Page - Power Integrations, Inc. LNK304G Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2-11
LNK302/304-306
11
Rev. I 11/08
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
CIRCUIT PROTECTION (cont.)
Thermal Shutdown
Hysteresis
T
SHD
See Note G
75
°C
OUTPUT
ON-State
Resistance
R
DS(ON)
LNK302
I
D = 13 mA
T
J = 25 °C
48
55.2
Ω
T
J = 100 °C
76
88.4
LNK304
I
D = 25 mA
T
J = 25 °C
24
27.6
T
J = 100 °C
38
44.2
LNK305
I
D = 35 mA
T
J = 25 °C
12
13.8
T
J = 100 °C
19
22.1
LNK306
I
D = 45 mA
T
J = 25 °C
7
8.1
T
J = 100 °C
11
12.9
OFF-State Drain
Leakage Current
I
DSS
V
BP = 6.2 V, VFB ≥2 V,
V
DS = 560 V,
T
J = 25 °C
LNK302/304
50
μA
LNK305
70
LNK306
90
Breakdown Voltage
BV
DSS
V
BP = 6.2 V, VFB ≥2 V,
T
J = 25 °C
700
V
Rise Time
t
R
Measured in a Typical Buck
Converter Application
50
ns
Fall Time
t
F
50
ns
DRAIN Supply
Voltage
50
V
Output Enable
Delay
t
EN
See Figure 9
10
μs
Output Disable
Setup Time
t
DST
0.5
μs
Auto-Restart
ON-Time
t
AR
T
J = 25 °C
See Note H
LNK302
ms
LNK304-306
50
Auto-Restart
Duty Cycle
DC
AR
LNK302
%
LNK304-306
6
Not Applicable
Not Applicable


Similar Part No. - LNK304G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK304G POWERINT-LNK304G Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK304G POWERINT-LNK304G Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304G POWERINT-LNK304G Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304G POWERINT-LNK304G Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304G POWERINT-LNK304G Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results

Similar Description - LNK304G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com