Electronic Components Datasheet Search |
|
LNK304P Datasheet(PDF) 9 Page - Power Integrations, Inc. |
|
LNK304P Datasheet(HTML) 9 Page - Power Integrations, Inc. |
9 / 20 page 2-9 LNK302/304-306 9 Rev. I 11/08 ABSOLUTE MAXIMUM RATINGS(1,5) DRAIN Voltage .................................................. -0.3 V to 700 V Peak DRAIN Current (LNK302).................200 mA(375 mA)(2) Peak DRAIN Current (LNK304).................400 mA(750 mA)(2) Peak DRAIN Current (LNK305).................800 mA(1500 mA)(2) PeakDRAINCurrent(LNK306).................1400mA(2600 mA)(2) FEEDBACK Voltage .........................................-0.3 V to 9 V FEEDBACK Current.............................................100 mA BYPASS Voltage ..........................................-0.3 V to 9 V StorageTemperature .......................................... -65 °C to150°C Operating JunctionTemperature(3) ..................... -40 °C to150°C Lead Temperature(4) ........................................................260 °C Notes: 1. All voltages referenced to SOURCE, T A = 25 °C. 2. The higher peak DRAIN current is allowed if the DRAIN to SOURCE voltage does not exceed 400 V. 3. Normally limited by internal circuitry. 4. 1/16 in. from case for 5 seconds. 5. Maximum ratings specified may be applied, one at a time, without causing permanent damage to the product. Exposure to Absolute Maximum Rating conditions for extended periods of time may affect product reliability. THERMAL IMPEDANCE Thermal Impedance: P or G Package: ( θ JA) ........................... 70 °C/W (3); 60 °C/W(4) ( θ JC) (1) ............................................... 11 °C/W D Package: ( θ JA) ..................... .... 100 °C/W (3); 80 °C/W(4) ( θ JC) (2) ............................................... 30 °C/W Notes: 1. Measured on pin 2 (SOURCE) close to plastic interface. 2. Measured on pin 8 (SOURCE) close to plastic interface. 3. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad. 4. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad. Parameter Symbol Conditions SOURCE = 0 V; T J = -40 to 125 °C See Figure 7 (Unless Otherwise Specified) Min Typ Max Units CONTROL FUNCTIONS Output Frequency f OSC T J = 25 °C Average 62 66 70 kHz Peak-Peak Jitter 4 Maximum Duty Cycle DC MAX S2 Open 66 69 72 % FEEDBACK Pin Turnoff Threshold Current I FB T J = 25 °C 30 49 68 μA FEEDBACK Pin Voltage at Turnoff Threshold V FB 1.54 1.65 1.76 V DRAIN Supply Current I S1 V FB ≥2 V (MOSFET Not Switching) See Note A 160 220 μA I S2 FEEDBACK Open (MOSFET Switching) See Notes A, B LNK302/304 200 260 μA LNK305 220 280 LNK306 250 310 |
Similar Part No. - LNK304P |
|
Similar Description - LNK304P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |