Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT573MTCX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74ACT573MTCX
Description  Octal Latch with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT573MTCX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACT573MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 9Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements for ACT
Note 10: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
1.5
3.0
3.5
ns
Dn to LE
tH
Hold Time, HIGH or LOW
5.0
−1.5
0
0
ns
Dn to LE
tW
LE Pulse Width, HIGH
5.0
2.0
3.5
4.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
5.0
pF
VCC = OPEN
CPD
Power Dissipation Capacitance for AC
25.0
pF
VCC = 5.0V
for ACT
42.0


Similar Part No. - 74ACT573MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT573MTC FAIRCHILD-74ACT573MTC Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
More results

Similar Description - 74ACT573MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT563 FAIRCHILD-74ACT563 Datasheet
45Kb / 5P
   Octal Latch with 3-STATE Outputs
74AC573 FAIRCHILD-74AC573_07 Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74F373 FAIRCHILD-74F373 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com