Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC521SC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74AC521SC
Description  8-Bit Identity Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC521SC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74AC521SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC521SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC521SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC521SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC521SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC521SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC521SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC521SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC521SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, output/input loading variables. Fairchild does not rec-
ommend operation of FACT
¥ circuits outside databook specifications.
DC Electrical Characteristics for AC
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 2 0.5V
20 mA
VI 2 VCC  0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC  0.5V
DC Output Diode Current (IOK)
VO 2 0.5V
20 mA
VO 2 VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature (TJ)
PDIP
140
qC
Supply Voltage (VCC)
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
9V/9t)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
9V/9t)
ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
VOUT
0.1V
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC  0.1V
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
VOUT
0.1V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC  0.1V
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT 50 PA
5.5
5.49
5.4
5.4
VIN V IL or VIH
3.0
2.56
2.46
IOH = 12 mA
4.5
3.86
3.76
V
IOH = 24 mA
5.5
4.86
4.76
IOH = 24 mA (Note 3)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT 50 PA
5.5
0.001
0.1
0.1
VIN V IL or VIH
3.0
0.36
0.44
IOL = 12 mA
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 3)
IIN
Maximum Input
5.5
r0.1
r1.0
PAVI V CC, GND
(Note 5)
Leakage Current
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 4)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
PA
VIN V CC
(Note 5)
Supply Current
or GND


Similar Part No. - 74AC521SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
74AC520PC FAIRCHILD-74AC520PC Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520SC FAIRCHILD-74AC520SC Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520SC FAIRCHILD-74AC520SC Datasheet
282Kb / 11P
   8-Bit Identity Comparator
More results

Similar Description - 74AC521SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com