Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSF3300 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MMSF3300
Description  SINGLE TMOS POWER MOSFET 30 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3300 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MMSF3300 Datasheet HTML 4Page - Motorola, Inc MMSF3300 Datasheet HTML 5Page - Motorola, Inc MMSF3300 Datasheet HTML 6Page - Motorola, Inc MMSF3300 Datasheet HTML 7Page - Motorola, Inc MMSF3300 Datasheet HTML 8Page - Motorola, Inc MMSF3300 Datasheet HTML 9Page - Motorola, Inc MMSF3300 Datasheet HTML 10Page - Motorola, Inc MMSF3300 Datasheet HTML 11Page - Motorola, Inc MMSF3300 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MMSF3300
10
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones and a figure
for belt speed. Taken together, these control settings make up
a heating “profile” for that particular circuit board. On
machines controlled by a computer, the computer remembers
these profiles from one operating session to the next. Figure
18 shows a typical heating profile for use when soldering a
surface mount device to a printed circuit board. This profile will
vary among soldering systems, but it is a good starting point.
Factors that can affect the profile include the type of soldering
system in use, density and types of components on the board,
type of solder used, and the type of board or substrate material
being used. This profile shows temperature versus time. The
line on the graph shows the actual temperature that might be
experienced on the surface of a test board at or near a central
solder joint. The two profiles are based on a high density and
a low density board. The Vitronics SMD310 convection/in-
frared reflow soldering system was used to generate this
profile. The type of solder used was 62/36/2 Tin Lead Silver
with a melting point between 177 –189
°C. When this type of
furnace is used for solder reflow work, the circuit boards and
solder joints tend to heat first. The components on the board
are then heated by conduction. The circuit board, because it
has a large surface area, absorbs the thermal energy more
efficiently, then distributes this energy to the components.
Because of this effect, the main body of a component may be
up to 30 degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 18. Typical Solder Heating Profile
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES


Similar Part No. - MMSF3300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
More results

Similar Description - MMSF3300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
   SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com