Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC399 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74AC399
Description  Quad 2-Port Register
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC399 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74AC399 Datasheet HTML 1Page - Fairchild Semiconductor 74AC399 Datasheet HTML 2Page - Fairchild Semiconductor 74AC399 Datasheet HTML 3Page - Fairchild Semiconductor 74AC399 Datasheet HTML 4Page - Fairchild Semiconductor 74AC399 Datasheet HTML 5Page - Fairchild Semiconductor 74AC399 Datasheet HTML 6Page - Fairchild Semiconductor 74AC399 Datasheet HTML 7Page - Fairchild Semiconductor 74AC399 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009789
www.fairchildsemi.com
June 1988
Revised November 1999
74AC399 • 74ACT399
Quad 2-Port Register
General Description
The AC/ACT399 is the logical equivalent of a quad 2-input
multiplexer feeding into four edge-triggered flip-flops. A
common Select input determines which of the two 4-bit
words is accepted. The selected data enters the flip-flop on
the rising edge of the clock.
Features
s ICC reduced by 50%
s Select inputs from two data sources
s Fully positive edge-triggered operation
s Outputs source/sink 24 mA
s AC/ACT399 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC399SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74AC399PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACT399SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74ACT399SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT399PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
S
Common Select Input
CP
Clock Pulse Input
I0a–I0d
Data Inputs from Source 0
I1a–I1d
Data Inputs from Source 1
Qa–Qd
Register True Outputs


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LS398QUAD 2-PORT REGISTER 1 2 3 4 5 MoreMotorola, Inc
54ACT399Quad 2-Port Register 1 2 3 4 5 MoreNational Semiconductor (TI)
54298Quad 2-Port Register Multiplexer With Storage 1 2 3 4 National Semiconductor (TI)
54F398DMQuad 2-Port Register 1 2 3 4 5 MoreNational Semiconductor (TI)
74F398Quad 2-Port Register 1 2 3 4 5 MoreFairchild Semiconductor
DM74LS298Quad 2-Port Register Multiplexer with Storage 1 2 3 4 Fairchild Semiconductor
54LS298QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE 1 2 3 National Semiconductor (TI)
MC74AC398Quad 2-Port Register 1 2 3 4 5 MoreMotorola, Inc
54F379DMQuad Parallel Register with Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
M54HC298QUAD 2 CHANNEL MULTIPLEXER/REGISTER 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn