Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC399 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74AC399
Description  Quad 2-Port Register
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC399 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC399 Datasheet HTML 1Page - Fairchild Semiconductor 74AC399 Datasheet HTML 2Page - Fairchild Semiconductor 74AC399 Datasheet HTML 3Page - Fairchild Semiconductor 74AC399 Datasheet HTML 4Page - Fairchild Semiconductor 74AC399 Datasheet HTML 5Page - Fairchild Semiconductor 74AC399 Datasheet HTML 6Page - Fairchild Semiconductor 74AC399 Datasheet HTML 7Page - Fairchild Semiconductor 74AC399 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Operating Requirements for AC
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V
AC Operating Requirements for ACT
Note 10: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
2.0
4.0
4.0
ns
In to CP
5.0
1.5
3.0
3.0
tH
Hold Time, HIGH or LOW
3.3
0.5
1.0
1.0
ns
In to CP
5.0
0.5
1.0
1.0
tS
Setup Time, HIGH or LOW
3.3
3.5
5.5
5.5
ns
S to CP
5.0
2.0
4.0
4.0
tH
Hold Time, HIGH or LOW
3.3
0.5
1.0
1.0
ns
S to CP
5.0
0.5
1.0
1.0
tW
CP Pulse Width,
3.3
3.0
4.5
4.5
ns
HIGH or LOW
5.0
2.0
3.5
3.5
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
VCC = +5.0V
VCC = 5.0V
Units
(Note 9)
CL = 50 pF
CL = 50pF
Min
Typ
Max
Min
Max
fMAX
Input Clock Frequency
5.0
165
180
160
MHz
tPLH
Propagation Delay
5.0
1.5
7.0
8.0
1.5
8.5
ns
CP to Q
tPHL
Propagation Delay
5.0
2.0
6.0
9.0
2.0
9.5
ns
CP to Q
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0.8
2.5
2.5
ns
In to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.0
1.0
ns
In to CP
tS
Setup Time, HIGH or LOW
5.0
0.8
4.0
4.0
ns
S to CP
tH
Hold Time, HIGH or LOW
5.0
−1.0
0.5
0.5
ns
S to CP
tW
CP Pulse Width,
5.0
1.7
3.5
3.5
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LS398QUAD 2-PORT REGISTER 1 2 3 4 5 MoreMotorola, Inc
54ACT399Quad 2-Port Register 1 2 3 4 5 MoreNational Semiconductor (TI)
54298Quad 2-Port Register Multiplexer With Storage 1 2 3 4 National Semiconductor (TI)
54F398DMQuad 2-Port Register 1 2 3 4 5 MoreNational Semiconductor (TI)
74F398Quad 2-Port Register 1 2 3 4 5 MoreFairchild Semiconductor
DM74LS298Quad 2-Port Register Multiplexer with Storage 1 2 3 4 Fairchild Semiconductor
54LS298QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE 1 2 3 National Semiconductor (TI)
MC74AC398Quad 2-Port Register 1 2 3 4 5 MoreMotorola, Inc
54F379DMQuad Parallel Register with Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
M54HC298QUAD 2 CHANNEL MULTIPLEXER/REGISTER 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn