Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFP-S Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # PFP-S
Description  Programmable Relay
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-S Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button PFP-S Datasheet HTML 5Page - Omron Electronics LLC PFP-S Datasheet HTML 6Page - Omron Electronics LLC PFP-S Datasheet HTML 7Page - Omron Electronics LLC PFP-S Datasheet HTML 8Page - Omron Electronics LLC PFP-S Datasheet HTML 9Page - Omron Electronics LLC PFP-S Datasheet HTML 10Page - Omron Electronics LLC PFP-S Datasheet HTML 11Page - Omron Electronics LLC PFP-S Datasheet HTML 12Page - Omron Electronics LLC PFP-S Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Programmable Relay
ZEN V2 Units
9
■ Approved Standards
Note: EMC conforms to EN 61131-2 clause 8 except in the following cases.
• When Expansion I/O Units with DC inputs are connected to a CPU Unit with an AC power supply, the burst immunity between power
supplies will be 1 kv.
• When the signal wire for transistor outputs exceeds 10 m, the surge immunity of DC output signal lines will not conform.
■ Input Specifications
CPU Units
AC Inputs (Not Isolated)
Note: Can be selected using the filter settings.
DC Inputs: I0 to I3 for Units with 10 I/O points, I0 to I9 for Units with 20 I/O Points (Not Isolated)
Note: Can be selected using the input filter settings, except when I0 is being used for an 8-digit counter with a high-speed input.
Item
Specification
Safety standards
cULus: UL508/CSA C22.2 No.142 Class I Div2
Conforms to EN/IEC 61131-2 clause 11, excluding 11.7.2.2 (Overvoltage category 2 and Pollution degree II
conforms to IEC 60664-1)
EMC
(See note.)
Radiation Field Emission
CISPR11
Class A, Group 1
Noise Terminal Voltage Emission
CISPR11
Class A, Group 1
Electrostatic Discharge Immunity
IEC61000-4-2
In air: 8 kV, In contact: 6 kV
Electromagnetic Field Immunity
IEC61000-4-3
10 V/m
Electrical Fast Transient/Burst Immunity
IEC61000-4-4
Power line
AC I/O: 2 kV
DC I/O: 1 kV
Surge Immunity
IEC61000-4-5
Normal Noise
AC power supply, AC I/O: 1 kV
DC power supply, DC I/O: 0.5 kV
Common Noise
AC power supply, AC I/O: 2 kV
DC power supply: 1 kV
DC I/O: 0.5 kV
Immunity to Conducted Disturbances Induced by Radio-frequency Fields
IEC61000-4-6
3 V
Momentary Power Interruption Immunity
IEC61131-2
CPU Units with AC Power Supplies:
10 ms max.
CPU Units with DC Power Supplies:
2 ms max. (level: PS1)
Item
Specifications
Circuit drawing
Input voltage
100 to 240 VAC +10%,
−15%, 50/60 Hz
Input impedance
680 k
Input current
0.15 mA/100 VAC, 0.35 mA/240 VAC
ON voltage
80 VAC min.
OFF voltage
25 VAC max.
ON response time
50 ms or 70 ms at 100 VAC (See note.)
100 ms or 120 ms at 240 VAC (See note.)
OFF response time
Item
Specifications
Circuit drawing
Input voltage
12 to 24 VDC +20%,
−10%
Input impedance
5.3 k
Input current
4.5 mA (typ.)/24 VDC
ON voltage
8 VDC min.
OFF voltage
5 VDC max.
ON response time
15 ms or 50 ms (See note.)
OFF response time
100 to 240 VAC
N
L
IN
IN 330 kΩ 300 kΩ
51 k
Internal
circuit
12 to 24 VDC
5.1 k
Ω 1.8 kΩ
IN
IN
COM
Internal
circuit


Similar Part No. - PFP-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-S OMRON-PFP-S Datasheet
51Kb / 2P
   DIN Rail Mounting Track
PFP-S OMRON-PFP-S Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
PFP-S OMRON-PFP-S Datasheet
888Kb / 6P
   Plug-In Safety Relay
PFP-S OMRON-PFP-S Datasheet
398Kb / 15P
   Solid-State Digital Timer
PFP-S OMRON-PFP-S Datasheet
131Kb / 4P
   Grooved Head Sensor Ideal for Register Mark Detection in Printing and Packaging Equipment
More results

Similar Description - PFP-S

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com