Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFP-100N Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # PFP-100N
Description  Programmable Relay
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 28Page - Omron Electronics LLC PFP-100N Datasheet HTML 29Page - Omron Electronics LLC PFP-100N Datasheet HTML 30Page - Omron Electronics LLC PFP-100N Datasheet HTML 31Page - Omron Electronics LLC PFP-100N Datasheet HTML 32Page - Omron Electronics LLC PFP-100N Datasheet HTML 33Page - Omron Electronics LLC PFP-100N Datasheet HTML 34Page - Omron Electronics LLC PFP-100N Datasheet HTML 35Page - Omron Electronics LLC PFP-100N Datasheet HTML 36Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Programmable Relay
ZEN V2 Units
33
■ Memory Cassette and CPU Unit Combinations
Be aware of the following restrictions when using a Memory Cassette containing a program that was stored from a CPU Unit with a different version
of system software.
Note: 1. The display functions (display clear: -CD
@ and day/month display: DAT1) cannot be used and will be ignored.
2. Only the memory area ranges supported by the pre-V1 CPU Units can be used for Timers, Holding Timers, Counters, Weekly Timers, Calendar Timers, and
Displays (i.e., only half of each).
3. Only 6 inputs and 4 outputs can be used in the CPU Unit I/O bits. Any others will be ignored.
4. Twin timer operation for timers, multiple-day operation and pulse operation for weekly timers, the 8-digit counter, and 8-digit comparators cannot be used.
New Zealand and Australia cannot be set for Daylight Saving Time (DST).
■ Support Software and CPU Unit Combinations
Note: 1. The display functions (display clear: -CD
@ and day/month display: DAT1) cannot be used and will be ignored.
2. Only the memory area ranges supported by the pre-V1 CPU Units can be used for Timers, Holding Timers, Counters, Weekly Timers, Calendar Timers, and
Displays (i.e., only half of each).
3. Twin timer operation for timers, multiple-day operation and pulse operation for weekly timers, the 8-digit counter, and 8-digit comparators cannot be used.
New Zealand and Australia cannot be set for Daylight Saving Time (DST).
■ Difference between ZEN Programmable Relays and PLC Ladder
Program Execution
ZEN Programmable Relays
The ON/OFF status produced by an output contact will not be used
as the input contact status in the same cycle, but it can be used in
the next cycle.
OMRON SYSMAC PLCs
When the following instructions are executed, Q0 turns ON/OFF
at the same time as the other bits.
System software version
of CPU Unit used to write
the Memory Cassette
System software version of CPU Unit used to read the Memory Cassette
Ver. 1.0
Ver. 1.1
Ver. 2.0 (V1 CPU Units)
Ver. 3.0 (V2 CPU Units)
10 I/O points
20 I/O points
10 I/O points
20 I/O points
Ver. 1.0OKOKOK
OK
OK
OK
Ver. 1.1
Restrictions (See note
1.)
OK
OK
OK
OK
OK
Ver. 2.0
(V1 CPU
Units)
10 I/O points Restrictions
(See notes 1 and 2.)
Restrictions
(See note 2.)
OK
OK
OK
OK
20 I/O points Restrictions
(See notes 1, 2, and 3.)
Restrictions
(See notes 2 and 3.)
Restrictions
(See note 3.)
OK
Restrictions
(See note 3.)
OK
Ver. 3.0
(V2 CPU
Units)
10 I/O points Restrictions
(See notes 1, 2, and 4.)
Restrictions
(See notes 2 and 4.)
Restrictions
(See note 4.)
Restrictions
(See note 4.)
OK
OK
20 I/O points Restrictions
(See notes 1 to 4.)
Restrictions
(See notes 2, 3, and 4.)
Restrictions
(See note 4.)
Restrictions
(See note 4.)
Restrictions
(See note 3.)
OK
CPU Unit system software
Support Software
Ver. 1.0
ZEN-SOFT01
Ver. 2.0
ZEN-SOFT01-V2
Ver. 3.0
ZEN-SOFT01-V3
Ver. 4.1
ZEN-SOFT01-V4
Ver. 1.0 (Pre-V1 Units)
OK
OK
Restrictions
(See notes 1 and 2.)
Restrictions
(See notes 1, 2, and 3.)
Ver. 1.1 (Pre-V1 Units)
Restrictions
(See note 1.)
OK
Restrictions
(See note 2.)
Restrictions
(See notes 2 and 3.)
Ver. 2.0 (V1 CPU Units)
10 I/O points Restrictions
(See notes 1 and 2.)
Restrictions
(See note 2.)
OK
Restrictions
(See note 3.)
20 I/O points Not applicable.
Not applicable.
OK
Restrictions (See note 3.)
Ver. 3.0 (V2 CPU Units)
Not applicable.
Not applicable.
Not applicable.
OK
0
1
2
3
4
I0
Bus bar
Executed sequentially
from the bus bar.
I1
I2
[ Q0
[ Q1
TT0
[ Q2
Q0
I3
I4
T0
ZEN executes the entire
ladder program (up to 96
lines) from the first to last line
at one time. Each row is
executed in order from left to
right starting from the left bus
bar.
1 cycle
1 cycle
0
1
I0
M0
Q0
I0
[ M0
[ Q0
M0
0
1
2
3
4
I0
END
I1
I2
[ Q0
[ Q1
TT0
[ Q2
Q0
I3
I4
T0
PLCs execute ladder
programs one rung (circuit) at
a time, starting with the top
rung and executing it in order
from the left. When the END
instruction is reached, the
program is executed again
from the first rung.
0
1
I0
M0
Q0
I0
[ M0
[ Q0
M0


Similar Part No. - PFP-100N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-100N OMRON-PFP-100N Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PFP-100N OMRON-PFP-100N Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
PFP-100N OMRON-PFP-100N Datasheet
398Kb / 15P
   Solid-State Digital Timer
PFP-100N OMRON-PFP-100N Datasheet
51Kb / 2P
   DIN Rail Mounting Track
PFP-100N OMRON-PFP-100N Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - PFP-100N

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com