Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFP-50N Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # PFP-50N
Description  Programmable Relay
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-50N Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button PFP-50N Datasheet HTML 6Page - Omron Electronics LLC PFP-50N Datasheet HTML 7Page - Omron Electronics LLC PFP-50N Datasheet HTML 8Page - Omron Electronics LLC PFP-50N Datasheet HTML 9Page - Omron Electronics LLC PFP-50N Datasheet HTML 10Page - Omron Electronics LLC PFP-50N Datasheet HTML 11Page - Omron Electronics LLC PFP-50N Datasheet HTML 12Page - Omron Electronics LLC PFP-50N Datasheet HTML 13Page - Omron Electronics LLC PFP-50N Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
Programmable Relay
ZEN V2 Units
DC Inputs: I4 and I5 for Units with 10 I/O points, Ia and Ib for Units with 20 I/O Points
(Not Isolated)
Note: Can be selected using the input filter settings.
Expansion I/O Units
AC Inputs (Not Isolated)
Note: Can be selected using the input filter settings.
DC Inputs (ZEN-8E1DR: Not Isolated, ZEN-8E1DT: Photocoupler Isolated)
Note: 1. Can be selected using the input filter settings.
2. The ZEN-8E1DT has no +/- terminals. There is no need to supply power.
Item
Specifications
Circuit drawing
DC Inputs Input voltage
12 to 24 VDC +20%,
−10%
Input impedance
PNP:
5.5 k
Ω/14 VDC min.
100 k
Ω/14 VDC max.
NPN:
5.2 k
Input current
PNP:
4.3 mA (typ.)/24 VDC
NPN:
4.6 mA (typ.)/24 VDC
ON voltage
8 VDC min.
OFF voltage
3 VDC max.
ON response time
15 ms or 50 ms (See note.)
OFF response time
Analog
Inputs
Input range
0 to 10 V
External input
impedance
100 k
Ω min.
Resolution
0.1 V (1/100 FS)
Accuracy
±1.5% FS (at ambient operating temperature within
rated range)
AD conversion data 0 to 10.5 V (in increments of 0.1 V)
12 to 24 VDC
IN
COM
6.2 k
220 k
5.6 k
150 k
47 k
47 k
27 k
+
Item
Specifications
Circuit drawing
Input voltage
100 to 240 VAC +10%,
−15%, 50/60 Hz
Input impedance
680 k
Input current
0.15 mA/100 VAC, 0.35 mA/240 VAC
ON voltage
80 VAC min.
OFF voltage
25 VAC max.
ON response time
50 ms or 70 ms at 100 VAC (See note.)
100 ms or 120 ms at 240 VAC (See note.)
Off response time
Item
Specifications
Circuit drawing
Input voltage
12 to 24 VDC +20%,
−10%
Input impedance
6.5 k
Input current
3.7 mA (typ.)/24 VDC
ON voltage
8 VDC min.
OFF voltage
5 VDC max.
ON response time
15 ms or 50 ms (See note 1.)
OFF response time
IN
IN
100 to
240 VAC
N
L
330 k
51 k
300 k
12 to
24 VDC
6.2 k
(See
note 2.)
1.8 k
IN
IN
±
COM
Internal
circuit


Similar Part No. - PFP-50N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-50N OMRON-PFP-50N Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PFP-50N OMRON-PFP-50N Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
PFP-50N OMRON-PFP-50N Datasheet
398Kb / 15P
   Solid-State Digital Timer
PFP-50N OMRON-PFP-50N Datasheet
51Kb / 2P
   DIN Rail Mounting Track
PFP-50N OMRON-PFP-50N Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - PFP-50N

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com