Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC20 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74AC20
Description  Dual 4-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74AC20 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009918
www.fairchildsemi.com
November 1988
Revised November 1999
74AC20
Dual 4-Input NAND Gate
General Description
The AC20 contains four 4-input NAND gates.
Features
s ICC reduced by 50%
s Outputs source/sink 24 mA
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC20SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow Body
74AC20SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC20MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC20PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
An, Bn, Cn, Dn
Inputs
On
Outputs


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVT203.3V Dual 4-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
HD14012BDual 4-input NAND Gate 1 2 3 4 5 MoreHitachi Semiconductor
74LVQ20DUAL 4-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74AC20DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
54AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
74ABT20Dual 4-input NAND gate 1 2 3 NXP Semiconductors
ACTS20MSRadiation Hardened Dual 4-Input NAND Gate 1 Intersil Corporation
MC74AC20Dual 4-Input NAND Gate 1 2 3 4 5 Motorola, Inc
HEF4012BDual 4-input NAND gate 1 2 3 NXP Semiconductors
CD74HC20High Speed CMOS Logic Dual 4-Input NAND Gate 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn